Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2138AMDFD Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R5F2138AMDFD
Description  The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138AMDFD Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R5F2138AMDFD Datasheet HTML 11Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 12Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 13Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 14Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 15Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 16Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 17Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 18Page - Renesas Technology Corp R5F2138AMDFD Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
R8C/38M Group
3. Memory
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0082EJ0110 Rev.0.10
Page 15 of 55
Mar 04, 2011
3.
Memory
3.1
R8C/38M Group
Figure 3.1 is a Memory Map of R8C/38M Group. The R8C/38M Group has a 1-Mbyte address space from
addresses 00000h to FFFFFh. For example, a 64-Kbyte internal ROM area is allocated addresses 04000h to
13FFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated addresses 03000h to 03FFFh.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 6-Kbyte internal
RAM area is allocated addresses 00400h to 01BFFh. The internal RAM is used not only for data storage but also as
a stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh and 02C00h to 02FFFh (the SFR areas
for the DTC and other modules). Peripheral function control registers are allocated here. All unallocated spaces
within the SFRs are reserved and cannot be accessed by users.
Figure 3.1
Memory Map of R8C/38M Group
0FFFFh
0FFDCh
Notes:
1. The data flash indicates block A (1 Kbyte), block B (1 Kbyte), block C (1 Kbyte), and block D (1 Kbyte).
2. The SFR areas for the DTC and other modules are allocated to addresses 02C00h to 02FFFh.
3. The blank areas are reserved and cannot be accessed by users.
Internal RAM
Size
Address 0XXXXh
2.5 Kbytes
4 Kbytes
6 Kbytes
8 Kbytes
10 Kbytes
00DFFh
013FFh
01BFFh
023FFh
02BFFh
Part Number
Internal ROM
Size
Address 0YYYYh
R5F21386MMFP, R5F21386MDFP,
R5F21386MNXXXFP,
R5F21386MDXXXFP
R5F21387MNFP, R5F21387MDFP,
R5F21387MNXXXFP,
R5F21387MDXXXFP
R5F21388MNFP, R5F21388MDFP,
R5F21388MNXXXFP,
R5F21388MDXXXFP
R5F2138AMNFP, R5F2138AMDFP,
R5F2138AMNXXXFP,
R5F2138AMDXXXFP
R5F2138CMNFP, R5F2138CMDFP,
R5F2138CMNXXXFP,
R5F2138CMDXXXFP
32 Kbytes
48 Kbytes
64 Kbytes
96 Kbytes
128 Kbytes
08000h
04000h
04000h
04000h
04000h
Address ZZZZZh
–
–
13FFFh
1BFFFh
23FFFh
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special Function
Registers (SFRs))
02FFFh
02C00h
SFR (2)
(Refer to 4. Special Function
Registers (SFRs))
ZZZZZh
03FFFh
03000h
Internal ROM
(data flash) (1)
Internal ROM
(program ROM)
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
Address break
(Reserved)
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com