Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2136CMNFD Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F2136CMNFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CMNFD Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F2136CMNFD Datasheet HTML 3Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 4Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 5Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 6Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 7Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 8Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 9Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 10Page - Renesas Technology Corp R5F2136CMNFD Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
R8C/36M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 7 of 58
Mar 09, 2011
1.3
Block Diagram
Figure 1.2 shows a Block Diagram.
Figure 1.2
Block Diagram
D/A converter
(8 bits
× 2)
R8C CPU core
System clock generation
circuit
XIN-XOUT
High-speed on-chip oscillator
Low-speed on-chip oscillator
XCIN-XCOUT
Memory
ROM (1)
RAM (2)
Multiplier
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
Notes:
1. ROM size varies with MCU type.
2. RAM size varies with MCU type.
Timers
Timer RA (8 bits
× 1)
Timer RB (8 bits
× 1)
Timer RC (16 bits
× 1)
Timer RD (16 bits
× 2)
Timer RE (8 bits
× 1)
Timer RF (16 bits
× 1)
Timer RG (16 bits
× 1)
UART or
clock synchronous serial I/O
(8 bits
× 3)
I2C bus or SSU
(8 bits
× 1)
Peripheral functions
Watchdog timer
(14 bits)
A/D converter
(10 bits
× 12 channels)
LIN module
Comparator A
Voltage detection circuit
DTC
Low-speed on-chip oscillator
for watchdog timer
7
Port P5
5
1
Port P4
8
Port P3
8
Port P0
8
Port P1
8
Port P2
8
Port P6
7
Port P8
Comparator B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com