Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA174J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA174J
Description  Single Phase Bridge Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA174J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA174J Datasheet HTML 1Page - Solid States Devices, Inc SDA174J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0105A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA174 __
HF
__
│
│
│
│
│
│
│
│
└
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery
HF = Hyper Fast
Family/Voltage
J = 600 V
K = 700 V
L = 800 V
M = 900 V
SDA174HF series
30 nsec
2.0 Amp
Single Phase Bridge
Rectifier Assembly
600 – 900 Volts
FEATURES:
Reverse Recovery Time: 30 ns Max
Average Output Current: 2.0 Amps
PIV: 600 to 900 Volts
Hermetically Sealed Internal Discretes
Aluminum Case
Thermal Conductive Epoxy Encapsulated
Available in Higher Voltages
Available in Ultra Fast, Fast, and Standard
Recovery
Electrical
Characteristics
Peak
Inverse
Voltage
(per leg)
Average DC
Output Current
TC=Case Temp
Reverse
Recovery
Time
Peak Forward
Surge Current
(1 Cycle)
Maximum Forward
Voltage
(per leg) @ 1.0 ADC
Maximum
Reverse Current
(per leg)
@ PIV
50ºC
100ºC
Max
25ºC
100ºC
Part Number
Volts
Amps
Amps
ns
Amps
Volts
μA
μA
SDA174J
HF
600
2.0
1.8
30
25
1.9
10
200
SDA174K
HF
700
2.0
1.8
30
25
1.9
10
200
SDA174L
HF
800
2.0
1.8
30
25
1.9
10
200
SDA174M
HF
900
2.0
1.8
30
25
1.9
10
200
NOTES:
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.


Similar Part No. - SDA174J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA172HF SSDI-SDA172HF Datasheet
74Kb / 2P
Single Phase Bridge Rectifier Assembly
SDA172J SSDI-SDA172J Datasheet
74Kb / 2P
Single Phase Bridge Rectifier Assembly
SDA172J-2 SSDI-SDA172J-2 Datasheet
74Kb / 2P
Single Phase Bridge Rectifier Assembly
SDA172K SSDI-SDA172K Datasheet
74Kb / 2P
Single Phase Bridge Rectifier Assembly
SDA172K-2 SSDI-SDA172K-2 Datasheet
74Kb / 2P
Single Phase Bridge Rectifier Assembly
More results

Similar Description - SDA174J

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
logo
Sensitron
S469-01 SENSITRON-S469-01 Datasheet
156Kb / 2P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR Datasheet
55Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Sensitron
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
SDA172HF SSDI-SDA172HF Datasheet
74Kb / 2P
Single Phase Bridge Rectifier Assembly
SDA628 SSDI-SDA628_1 Datasheet
39Kb / 2P
ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0004 SSDI-RA0004 Datasheet
72Kb / 2P
SINGLE PHASE BRIDGE ASSEMBLY
RA0040A SSDI-RA0040A Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0040A SSDI-RA0040A_15 Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com