Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACCDFA Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F2L3ACCDFA
Description  These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACCDFA Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F2L3ACCDFA Datasheet HTML 67Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 68Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 69Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 70Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 71Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 72Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 73Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 74Page - Renesas Technology Corp R5F2L3ACCDFA Datasheet HTML 75Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
C - 1
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
Datasheet
Rev.
Date
Description
Page
Summary
0.10
Oct 30, 2009
—
First Edition issued
0.20
Apr 15, 2011
6
Table 1.6 Function deleted, Current consumption revised
7
1.2 “of R8C/Lx Series”
→ “for Each Group”
7 to 10
Tables 1.7 to 1.10 revised
24
Table 1.15 “Voltage detection circuit” deleted
29
4. Special Function Registers (SFRs) “The description offered in this
chapter is based on the R8C/L3AC Group.” added
45 to 68
5. Electrical Characteristics added
1.00
Jun 25, 2010
—
“Preliminary” and “Under development” deleted
1
1.1 revised
7 to 10
Tables 1.7 to 1.10 revised
45
Tables 5.1 Note 2 added
55
Table 5.15 Note 3 added
69 to 72
Package Dimensions revised
1.01
Apr 15, 2011
2
Table 1.1 revised
3
Table 1.2 Note 2, Table 1.3 Note 1 revised
6
Table 1.6 “Flash Memory” revised
11 to 14
Figure 1.5 to Figure 1.8 revised
20 to 22
Table 1.11 to Table 1.13 “Voltage Detection Circuit” deleted
23, 24
Table 1.14 and Table 1.15 title “for R8C/L3AC Group” added
28
3. “The internal ROM ... with address 0FFFFh.” deleted
38 to 40
Table 4.10 to Table 4.12
“0248h to 026Fh”, “02A8h to 02BFh”, “02C0h to 02CFh” revised
48
Table 5.3 “tCONV”, “tSAMP” revised
57, 59, 61 Table 5.18, Table 5.20, Table 5.22
“High-Speed”
→ “High-Speed (fOCO-F)”
All trademarks and registered trademarks are the property of their respective owners.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com