Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-080 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK401-080
Description  AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-080 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK401-080 Datasheet HTML 1Page - Sanyo Semicon Device STK401-080 Datasheet HTML 2Page - Sanyo Semicon Device STK401-080 Datasheet HTML 3Page - Sanyo Semicon Device STK401-080 Datasheet HTML 4Page - Sanyo Semicon Device STK401-080 Datasheet HTML 5Page - Sanyo Semicon Device STK401-080 Datasheet HTML 6Page - Sanyo Semicon Device STK401-080 Datasheet HTML 7Page - Sanyo Semicon Device STK401-080 Datasheet HTML 8Page - Sanyo Semicon Device STK401-080 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 4822-2/10
STK400-290
Operating Characteristics at Ta = 25°C, RL = 6 Ω, Rg = 600 Ω, VG = 40 dB, RL (non-inductive)
Notes
• Use rated power supply for testing unless otherwise specified.
• When measuring available time for load short-circuit and output noise voltage, use transformer power supply indicated
below.
• Output noise voltage is represented by the peak value rms (VTVM) for mean reading. Use an AC stabilized power
supply (50 Hz) on the primary side to eliminate the effect of AC flicker noise.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±47
V
Thermal resistance
θj-c
Per power transistor
1.7
°C/W
Junction temperature
Tj
150
°C
Substrate temperature
Tc
125
°C
Storage temperature
Tstg
–30 to +125
°C
Available time for load short-circuit
ts
VCC = ±32 V, RL = 6 Ω, f = 50 Hz, PO = 50 W
1
s
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
VCC = ±39 V
30
90
150
mA
PO (1)
VCC =±32 V, f = 20 to 20 kHz,
50
55
W
Output power
THD = 0.08%
PO (2)
VCC =±26 V, f = 1 kHz, THD = 0.2%,
50
55
W
RL = 3 Ω
Total harmonic distortion
THD (1)
VCC =±32 V, f = 20 to 20 kHz, PO = 1.0 W
0.08
%
THD (2)
VCC =±32 V, f = 1 kHz, PO = 5.0 W
0.007
%
Frequency response
fL, fH
VCC =±32 V, PO = 1.0 W,
dB
20 to 50 k
Hz
Input impedance
ri
VCC =±32 V, f = 1 kHz, PO = 1.0 W
55
k
Ω
Output noise voltage
VNO
VCC =±39 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±39 V
–70
0
+70
mV
0
–3
Specifications
Absolute Maximum Ratings at Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com