Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-080 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK401-080
Description  AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-080 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK401-080 Datasheet HTML 1Page - Sanyo Semicon Device STK401-080 Datasheet HTML 2Page - Sanyo Semicon Device STK401-080 Datasheet HTML 3Page - Sanyo Semicon Device STK401-080 Datasheet HTML 4Page - Sanyo Semicon Device STK401-080 Datasheet HTML 5Page - Sanyo Semicon Device STK401-080 Datasheet HTML 6Page - Sanyo Semicon Device STK401-080 Datasheet HTML 7Page - Sanyo Semicon Device STK401-080 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Similar Part No. - STK401-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-080 SANYO-STK401-080 Datasheet
184Kb / 7P
3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-080 SANYO-STK401-080 Datasheet
403Kb / 10P
3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-080 SANYO-STK401-080 Datasheet
183Kb / 6P
AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK401-080 SANYO-STK401-080 Datasheet
334Kb / 9P
AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W min, THD = 0.4%)
STK401-080 SANYO-STK401-080 Datasheet
532Kb / 9P
AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
More results

Similar Description - STK401-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4024II SANYO-STK4024II Datasheet
103Kb / 4P
AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.4%)?
STK4026II SANYO-STK4026II Datasheet
110Kb / 4P
AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.4%)???
STK4028II SANYO-STK4028II Datasheet
113Kb / 4P
AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.4%)???
STK4038II SANYO-STK4038II Datasheet
47Kb / 3P
AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
STK4040V SANYO-STK4040V Datasheet
261Kb / 9P
AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.08%)?
STK4040X SANYO-STK4040X Datasheet
106Kb / 4P
AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4040XI SANYO-STK4040XI Datasheet
283Kb / 5P
AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4042II SANYO-STK4042II Datasheet
48Kb / 3P
AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.4%)?
STK4044II SANYO-STK4044II Datasheet
63Kb / 3P
AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.4%)?
STK4048II SANYO-STK4048II Datasheet
66Kb / 3P
AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com