Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6543F Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 7Page - Maxim Integrated Products 71M6543F Datasheet HTML 8Page - Maxim Integrated Products 71M6543F Datasheet HTML 9Page - Maxim Integrated Products 71M6543F Datasheet HTML 10Page - Maxim Integrated Products 71M6543F Datasheet HTML 11Page - Maxim Integrated Products 71M6543F Datasheet HTML 12Page - Maxim Integrated Products 71M6543F Datasheet HTML 13Page - Maxim Integrated Products 71M6543F Datasheet HTML 14Page - Maxim Integrated Products 71M6543F Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
11
2
Hardware Description
2.1
Hardware Overview
The Teridian 71M6543 single-chip energy meter integrates all primary functional blocks required to
implement a solid-state electricity meter. Included on the chip are:
•
An analog front-end (AFE) featuring a 22-bit second-order sigma-delta ADC
•
An independent 32-bit digital computation engine (CE) to implement DSP functions
•
An 8051-compatible microprocessor (MPU) which executes one instruction per clock cycle (80515)
•
A precision voltage reference (VREF)
•
A temperature sensor for digital temperature compensation of:
-
Metrology (MPU)
-
Automatic RTC in all power states
-
MPU assisted RTC compensation
•
LCD Driver
•
RAM and Flash memory
•
A real time clock (RTC)
•
A variety of I/O pins
•
A power failure interrupt
•
A zero-crossing interrupt
•
Selectable current sensor interfaces for locally-connected sensors as well as isolated sensors (i.e.,
using the 71M6xx3 companion IC with a shunt resistor sensor)
•
Resistive Shunt and Current Transformers are supported
In order to implement a polyphase meter with or without neutral current sensing, one resistive shunt
current sensor may be connected directly (non-isolated) to the 71M6543 device, while up to three
additional current shunts are isolated using a companion 71M6xx3 isolated sensor IC. An inexpensive,
small size pulse transformer is used to electrically isolate the 71M6xx3 remote sensor from the 71M6543.
The 71M6543 performs digital communications bi-directionally with the 71M6xx3 and also provides power
to the 71M6xx3 through the isolating pulse transformer. Isolated (remote) shunt current sensors are
connected to the differential input of the 71M6xx3. The 71M6543 may also be used with Current
Transformers; in this case the 71M6xx3 isolated sensors are not required. Included on the 71M6xx3
companion isolator chip are:
•
Digital isolation communications interface
•
An analog front-end (AFE) featuring a 22-bit second-order sigma-delta ADC
•
A precision voltage reference (VREF)
•
A temperature sensor (for current-sensing digital temperature compensation)
•
A fully differential shunt resistor sensor input
•
A pre-amplifier to optimize shunt current sensor performance
•
Isolated power circuitry obtains dc power from pulses sent by the 71M6543
In a typical application, the 32-bit compute engine (CE) of the 71M6543 sequentially processes the
samples from the voltage inputs on analog input pins and performs calculations to measure active energy
(Wh) and reactive energy (VARh), as well as A
2h, and V2h for four-quadrant metering. These measurements
are then accessed by the MPU, processed further and output using the peripheral devices available to the
MPU.
In addition to advanced measurement functions, the real time clock (RTC) function allows the 71M6543 to
record time of use (TOU) metering information for multi-rate applications and to time-stamp tamper or other
events. An automatic RTC temperature compensation circuit operates in all power states including when the
MPU is halted, and continues to compensate using back-up battery power during power outages.
Measurements can be displayed on 3.3 V LCDs commonly used in low-temperature environments. The
integrated charge pump and temperature sensor can be used by the MPU to enhance 3.3 V LCD
performance at cold temperatures. The on-chip charge pump may also drive 5 V LCDs. Flexible mapping of
LCD display segments facilitates the integration of existing custom LCDs. Design trade-off between the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com