Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9101 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 15Page - Maxim Integrated Products DS9101 Datasheet HTML 16Page - Maxim Integrated Products DS9101 Datasheet HTML 17Page - Maxim Integrated Products DS9101 Datasheet HTML 18Page - Maxim Integrated Products DS9101 Datasheet HTML 19Page - Maxim Integrated Products DS9101 Datasheet HTML 20Page - Maxim Integrated Products DS9101 Datasheet HTML 21Page - Maxim Integrated Products DS9101 Datasheet HTML 22Page - Maxim Integrated Products DS9101 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
During a mission, if humidity logging is enabled, the
HRH byte (H11 to H4) is always recorded. The HRL
byte is only recorded if the DS1923 is set up for 16-bit
humidity logging. The logging mode (8-bit or 16-bit) is
selected through the HLFS bit at the Mission Control
register, address 0213h.
With HRH and HRL representing the decimal equivalent
of a humidity reading, the actual humidity is calculated
according to the algorithms shown in the table below.
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
19
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BYTE
020Eh
H3
H2
H1
H0
X
X
X
X
HRL
020Fh
H11
H10
H9
H8
H7
H6
H5
H4
HRH
16-BIT MODE, HLFS = 1
8-BIT MODE, HLFS = 0
IVAL = (HRH x 256 + HRL)/16
Round IVAL down to the nearest integer; this eliminates the
undefined 4 bits of HRL.
(N/A)
ADVAL = IVAL x 5.02/4096
ADVAL = HRH x 5.02/256
HUMIDITY(%RH) = (ADVAL - 0.958)/0.0307
Table 3. Humidity Conversion Examples
HRH
HRL
MODE
HEX
DECIMAL
HEX
DECIMAL
HUMIDITY (%RH)
8-bit
B5h
181
84.41
8-bit
67h
103
34.59
16-bit
B5h
181
C0h
12
84.89
16-bit
67h
103
30h
48
34.70
Table 4. Humidity Alarm Threshold Examples
HALM
HUMIDITY (%RH)
HEX
DECIMAL
65
97h
151
25
58h
88
Latest Humidity Conversion Result Register Bitmap
The result is a raw humidity reading that needs to be
corrected to achieve the specified accuracy. See the
Software Correction Algorithm for Humidity section for
further details.
To specify the humidity alarm thresholds, the equation
needs to be resolved to:
ADVAL = HUMIDITY(%RH) x 0.0307 + 0.958
HALM = ADVAL x 256/5.02
Round HALM to the nearest integer.
The HALM value needs to be converted into hexadeci-
mal before it can be written to one of the Humidity Alarm
Threshold registers (Low Alarm address 020Ah; High
Alarm address 020Bh). Independent of the conversion
mode (8-bit or 16-bit), only the most significant byte of a
humidity conversion is used to determine whether an
alarm is generated. The alarm thresholds are applied to
the raw humidity readings. Therefore, if software correc-
tion is used, the effect of the software correction is to be
reversed before calculating a humidity alarm threshold.
For example, let the desired alarm threshold be 60%RH.
The 60% threshold may correspond to a raw reading of
65%RH (i.e., before correction). To set a 60%RH (after
correction) threshold, the HALM value then needs to be
calculated for 65%RH.
These examples do not include the effects of software
correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com