Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR60020 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR60020
Description  HYPER FAST CENTERTAP RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR60020 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR60020 Datasheet HTML 1Page - Solid States Devices, Inc SDR60020 Datasheet HTML 2Page - Solid States Devices, Inc SDR60020 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0147B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR60 __ H CT __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Bend Options (TO-254, Z)
DB = Down Bend
UB = Up Bend
Package
S1= SMD1
M = TO-254
Z = TO-254Z
Recovery Time H = Hyper Fast
Family/Voltage
010 = 100V
015 = 150V
020 = 200V
SDR60010HCT
thru
SDR60020HCT
60 AMP
HYPER FAST
CENTERTAP RECTIFIER
100 - 200 VOLTS
35 nsec
FEATURES:
 Hyper Fast Recovery: 35 ns Maximum
 High Surge Rating
 Low Reverse Leakage Current
 Low Junction Capacitance
 Hermetically Sealed Package, isolated
(TO-254, Z) or hot case (SMD1)
 Gold Eutectic Die Attach Available
 Ultrasonic Aluminum Wire Bonds
 TX, TXV, or Space Level Screening
Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage 3/
SDR60010
SDR60015
SDR60020
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 Hz Sine Wave, TC= 100ºC)
IO
60
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA= 25ºC, per leg)
IFSM
250
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case, each individual diode, SMD1
Junction to Case, SMD1
4/
Junction to Case, each individual diode, TO-254, Z
Junction to Case, TO-254, Z
4/
RθJC
1.5
1.0
1.8
1.2
ºC/W
NOTES:
1/ For ordering information, price, and availability,
contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
3/ Higher voltages available.
4/ Both legs tied together.
SMD1
TO-254
TO-254Z


Similar Part No. - SDR60020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR600 SSDI-SDR600 Datasheet
315Kb / 2P
15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR600 SSDI-SDR600 Datasheet
139Kb / 2P
Ultra Fast Rectifier
SDR6004 SSDI-SDR6004 Datasheet
148Kb / 3P
Ultrafast Rectifier
SDR6004HFNS SSDI-SDR6004HFNS Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6004HFNTX SSDI-SDR6004HFNTX Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
More results

Similar Description - SDR60020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CTJ SSDI-SDR620CTJ_1 Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR620CTM SSDI-SDR620CTM_1 Datasheet
118Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR623CTJ SSDI-SDR623CTJ_1 Datasheet
79Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR9103CTN SSDI-SDR9103CTN_1 Datasheet
161Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
RH0049 SSDI-RH0049 Datasheet
81Kb / 2P
Hyper Fast Centertap Rectifier
RH0055 SSDI-RH0055 Datasheet
49Kb / 2P
Hyper Fast Centertap Rectifier
RH0071H SSDI-RH0071H Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
RH0123 SSDI-RH0123 Datasheet
56Kb / 2P
Hyper Fast Centertap Rectifier
RH0073 SSDI-RH0073_15 Datasheet
321Kb / 2P
Hyper Fast Centertap Rectifier
RH0243 SSDI-RH0243_15 Datasheet
236Kb / 2P
Hyper Fast Centertap Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com