Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF23N60Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF23N60Z
Description  Avalanche Rated N-channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF23N60Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF23N60Z Datasheet HTML 1Page - Solid States Devices, Inc SFF23N60Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0028A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF23N60M
SFF23N60Z
Electrical Characteristics
4/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
VGS = 0V, ID = 250μA
BVDSS
600
620
––
V
Drain to Source On State Resistance
VGS = 10V, ID = 11.5A, Tj= 25
oC
VGS = 10V, ID = 25A, Tj=25
oC
VGS = 10V, ID = 11.5A, Tj= 125
oC
RDS(on)
––
––
––
300
300
670
320
––
––
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 4mA, Tj= 25
oC
VDS = VGS, ID = 1mA, Tj= 25
oC
VGS(th)
2.0
––
3.5
3.4
4.5
––
V
Gate to Source Leakage
VGS = ±30V, Tj= 25
oC
VGS = ±20V, Tj= 125
oC
IGSS
––
––
20
30
±100
––
nA
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V, Tj = 25
oC
VDS = 480V, VGS = 0V, Tj = 125
oC
IDSS
––
––
0.1
0.085
25
1
μA
mA
Forward Transconductance
VDS = 10V, ID = 11.5A, Tj = 25
oC
gfs
10
20
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
VDS = 300V
ID = 16.5A
Qg
Qgs
Qgd
––
––
––
100
23
45
––
––
––
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGS = 10V
VDS = 300V
ID = 16.5A
RG = 2.0Ω, pw= 3us
td(on)
tr
td(off)
tf
––
––
––
––
28
33
80
23
––
––
––
––
nsec
Diode Forward Voltage
IF = 23A, VGS = 0V
IF = 16.5A, VGS = 0V
VSD
––
––
1.0
0.87
1.5
––
V
Diode Reverse Recovery Time
Peak Reverse Recovery Current
Reverse Recovery Charge
IF = 16.5A, di/dt = 100A/usec
trr
IRM(rec)
Qrr
––
––
––
210
tbd
1.3
250
––
––
nsec
A
μC
Safe Operating Area
VDS = 15.2V, 1 sec, Ta = 25
oC
VDS = 65V, 1 sec, Ta = 25
oC
SOA1
SOA2
––
––
16.5
1.05
A
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
4100
400
120
––
––
––
pF
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines / lead bending options / pinout configurations Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25oC.
Available Part Numbers:
Consult Factory
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com