Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA555 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPA555
Description  SiC SCHOTTKY SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA555 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPA555_1 Datasheet HTML 1Page - Solid States Devices, Inc SPA555_1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0038D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPA555 Series
Electrical Characteristic 6/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300 - 500 μsec pulse)
IF = 2.0 A
IF = 5.0 A
IF = 10 A
VF1
VF2
VF3
––
––
1.20
1.50
2.10
1.30
1.75
2.50
VDC
Instantaneous Forward Voltage Drop
(300 - 500
μsec pulse)
TA= -55ºC, IF = 5 A
TA= 150 ºC, IF = 5 A
VF4
VF5
––
––
1.35
2.30
1.50
2.80
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 μsec pulse minimum)
IR1
––
20
250
μA
Reverse Leakage Current
(Rated VR, TA = 150ºC, 300 μsec pulse minimum)
IR2
––
100
1000
μA
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25°C)
CJ
––
280
320
pF
NOTES:
* Pulse Test: Pulse Width = 300
μsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on
Request.
3/ For Package Outlines Contact Factory.
4/ Derate Linearly at 0.28A/ºC for TC > 55ºC.
5/ Electrical Characteristic per Leg
6/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SPA555M; SPA555ML; SPA555MSM
SPA555N; SPA555NL; SPA555NSM
Terminal Details
SPA555 (SM)
SPA555 (L)
Terminals are spaced at .650”
square
Leads are spaced at .250”
Terminals are spaced at .650”
square
Mounting Diagram:
2/
SPA555 ( )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com