Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRMK37TPF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLRMK37TPF
Description  Panel Circuit Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRMK37TPF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLRMK37TPF Datasheet HTML 1Page - Toshiba Semiconductor TLRMK37TPF Datasheet HTML 2Page - Toshiba Semiconductor TLRMK37TPF Datasheet HTML 3Page - Toshiba Semiconductor TLRMK37TPF Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLRMK37TP(MT1,F)
2010-03-18
2
Electrical and Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
(Note 2)
1.85
2.15
2.45
V
Reverse current
IR
VR = 4 V
⎯
⎯
50
µA
Luminous intensity
IV
IF = 20 mA
(Note 2)
1900
5700
10700
mcd
Peak emission wavelength
λP
IF = 20 mA
⎯
636
⎯
nm
Spectral line half width
∆λ
IF = 20 mA
⎯
14
⎯
nm
Dominant wavelength
λd
IF = 20 mA
620
626
634
nm
Note 2: Lamps are classified into the following ranks according to their luminous intensity and forward voltage.
Each packing box includes single Luminous Intensity class.
IV _ rank classification
Rank
Min
Max
Accuracy
T
1900
3380
U
3380
6010
±
22.5%
V
6010
10700
Unit
mcd
⎯
Forward voltage _ rank classification
Rank
Min
Max
Accuracy
A
1.85
2.05
B
2.05
2.25
±
0.05V
C
2.25
2.45
Unit
V
⎯
Precaution
Please be careful of the followings
• Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com