Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6514UK Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6514UK
Description  Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6514UK Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6514UK Datasheet HTML 1Page - Maxim Integrated Products MAX6514UK Datasheet HTML 2Page - Maxim Integrated Products MAX6514UK Datasheet HTML 3Page - Maxim Integrated Products MAX6514UK Datasheet HTML 4Page - Maxim Integrated Products MAX6514UK Datasheet HTML 5Page - Maxim Integrated Products MAX6514UK Datasheet HTML 6Page - Maxim Integrated Products MAX6514UK Datasheet HTML 7Page - Maxim Integrated Products MAX6514UK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost, 2.7V to 5.5V Temperature Switches
in a SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, RPULLUP = 100k
Ω, (open-drain output only), TA = -55°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: The MAX6514/MAX6515 are available with internal factory-programmed temperature trip thresholds from -45°C to +15°C
and +35°C to +115°C in 10°C increments.
Note 3: VCC must be greater than 4.5V for a switching threshold of -45°C.
Note 4: Guaranteed by design.
All Voltages Are Referenced to GND
VCC ..........................................................................-0.3V to +6V
TOVER, TUNDER (open drain)................................ -0.3V to +6V
TOVER, TUNDER (push-pull)....................... -0.3V to VCC + 0.3V
HYST .............................................................-0.3V to VCC + 0.3V
Continuous Power Dissipation
SOT23 (derate 3.1mW/°C above +70°C) .....................247mW
Operating Temperature Range ........................-55°C to +125°C
Junction Temperature ..................................................... +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
Soldering Temperature ....................................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
2.7
5.5
V
Hot-temperature thresholds
(+35°C to +115°C)
22
40
Supply Current
ICC
Cold-temperature thresholds
(-45°C to +15°C)
40
µA
-15°C to +65°C
-1.5
+1.5
+75°C to +115°C
-2.5
+2.5
Temperature Threshold Accuracy
(Note 2)
ΔTTH
-45°C to -25°C (Note 3)
-3
+3
°C
HYST = VCC
2
Temperature Threshold
Hysteresis
THYST
HYST = GND
10
°C
VIH
0.8 x VCC
HYST Input Threshold (Note 4)
VIL
0.2 x VCC
V
ISOURCE = 500µA, VCC > 2.7V
0.8 x VCC
Logic Output Voltage High
(Push-Pull)
VOH
ISOURCE = 800µA, VCC > 4.5V
VCC - 1.5
V
ISINK = 1.2mA, VCC > 2.7V
0.3
Logic Output Voltage Low
(Push-Pull and Open Drain)
VOL
ISINK = 3.2mA, VCC > 4.5V
0.4
V
Open-Drain Output Leakage
Current
VCC = 2.7V, open-drain output = 5.5V
10
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com