Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K0530WS Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # K0530WS
Description  Surface Mount Schottky Barrier Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

K0530WS Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  K0530WS Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
1
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Features
Very Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
High Conductance
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Peak repetitive reverse voltage
VRRM
Working peak reverse voltage
VRWM
DC blocking voltage
VR
RMS reverse voltage
VR(RMS)
21
V
Average rectified output current
IO
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
2A
Power dissipation *
PD
235
mW
Typical Thermal Resistance Junction to Ambient *
RèJA
426
/W
Operating and storage temperature range
Tj,Tstg
-40to+125
V
* Valid provided that terminals are maintained at ambient temperature.
30
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
IR = 500
A
30
V
IF = 0.1A
0.36
IF = 0.5A
0.41
0.45
VR = 15V
80
VR = 20V
100
VR = 30V
500
Junction Capacitance
CJ
VR = 0, f = 1.0MHz
60
pF
IR
VF
V
Forwarad voltage
Leakage current
A
Marking
Marking
SE
Surface Mount Schottky Barrier Rectifier
K0530WS(B0530WS)


Similar Part No. - K0530WS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
K0530WS KEXIN-K0530WS Datasheet
36Kb / 1P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - K0530WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com