Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR50U100 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR50U100
Description  Ultra Fast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR50U100 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR50U100 Datasheet HTML 1Page - Solid States Devices, Inc SDR50U100 Datasheet HTML 2Page - Solid States Devices, Inc SDR50U100 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0117E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR50U
__ __
__
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
└
Package Type
M = TO-254
N = TO-258
P = TO-259
│
│
│
│
│
│
│
│
└
Voltage/Family
080 = 800V
090 = 900V
100 = 1000V
110 = 1100V
120 = 1200V
SDR50U080 thru SDR50U120
Series
50 AMP
Ultra Fast Recovery
Rectifier
800 -1200 Volts
50 nsec
Features:
• Ultra Fast Recovery: 45 nsec typical
• High Surge Rating
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach available
• Ultrasonic Aluminum Wire Bonds
• Ceramic Seals for improved hermeticity available
• TX, TXV, Space Level Screening Available Consult
Factory.
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR50U080
SDR50U090
SDR50U100
SDR50U110
SDR50U120
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
3/
Io
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Allow Junction to Reach Equilibrium
Between Pulses, TA = 25ºC)
3/
IFSM
500
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to End Tab
3/
RθJE
1.0
ºC/W
TO-254 (M)
TO-258 (N)
TO-259 (P)
1/ For ordering information, price, operating curves, and
availability - Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
3/ Pins 2 & 3 connected.


Similar Part No. - SDR50U100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Solid States Devices, I...
SDR504 SSDI-SDR504 Datasheet
200Kb / 2P
50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR504 SSDI-SDR504 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
SDR506 SSDI-SDR506 Datasheet
200Kb / 2P
50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR50U100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RU0049B SSDI-RU0049B Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com