Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR506 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR506
Description  ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR506 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR506 Datasheet HTML 1Page - Solid States Devices, Inc SDR506 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0049B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR5
__ __ __
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration (See Table 1)
__ = Normal (Cathode to Stud)
R = Reverse (Anode to Stud)
Family/Voltage
04 = 400V
06 = 600V
08 = 800V
10 = 1000V
SDR504
Thru
SDR510
50 Amp
400-1000 Volt
80 nsec
ULTRA FAST RECOVERY
RECTIFIER
Features:
Ultra fast recovery: 80 nsec maximum
Low reverse leakage current
Low thermal resistance
High surge capability
Hermetically sealed
For high efficiency applications
PIV to 1000V
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
SDR504
SDR506
SDR508
SDR510
VRRM
VRWM
VR
400
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
IO
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
625
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Total Thermal Resistance
Junction to Case
RJC
1.0
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5:


Similar Part No. - SDR506

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR506 SSDI-SDR506 Datasheet
200Kb / 2P
50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR506

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RU0049B SSDI-RU0049B Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com