Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR643CTS1 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR643CTS1
Description  Ultra Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR643CTS1 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR643CTS1 Datasheet HTML 1Page - Solid States Devices, Inc SDR643CTS1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0087D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR643CTS1
thru
SDR647CTS1
Electrical Characteristics (Per Leg)
Characteristics
Symbol
Typical
Maximum
Unit
Instantaneous Forward Voltage Drop
(IF = 5Adc, TA = 25ºC, 300 msec pulse)
(IF = 10Adc, TA = 25ºC, 300 msec pulse)
(IF = 15Adc, TA = 25ºC, 300 msec pulse)
(IF = 20Adc, TA = 25ºC, 300 msec pulse)
(IF = 30Adc, TA = 25ºC, 300 msec pulse)
VF1
VF2
VF3
VF4
VF5
0.94
1.0
1.05
1.07
1.1
-
-
1.35
-
1.5
Volts
Instantaneous Forward Voltage Drop
(IF = 15Adc, TA = 100ºC, 300 msec pulse)
(IF = 30Adc, TA = 100ºC, 300 msec pulse)
(IF = 15Adc, TA = -55ºC, 300 msec pulse)
(IF = 30Adc, TA = -55ºC, 300 msec pulse)
VF6
VF7
VF8
VF9
0.93
1.00
1.15
1.20
1.25
-
1.5
-
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 msec pulse min)
SDR647CTS1
ALL OTHER
IR1
30
10
150
50
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 msec pulse min)
(Rated VR, TA = 125ºC, 300 msec pulse min)
(Rated VR, TA = 150ºC, 300 msec pulse min)
IR2
IR3
IR4
2
8
25
10
-
-
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
60
120
pF
Reverse Recovery Time
(I
F = 0.5 A, IR = 1A, IRR = 0.25A, TA = 25ºC)
(I
F = 0.5 A, IR = 1A, IRR = 0.25 A, TA = 100ºC)
(I
F = 10 A, dIF/dt = 100A/us, TA = 25ºC)
(I
F = 10 A, dIF/dt = 100A/us, TA = 100ºC)
trr1
trr2
trr3
IRM3
ta/tb
trr4
IRM4
ta/tb
25
70
35
2.7
1.83
80
3.6
1.0
35
-
-
-
-
-
-
-
nsec
nsec
nsec
A
-
nsec
A
-
Case Outline: SMD1
PIN OUT:
PIN 1: ANODE 1
PIN 2: CATHODE
PIN 3: ANODE 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com