Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT2907A2 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT2907A2
Description  Dual PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT2907A2 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT2907A2 Datasheet HTML 1Page - Solid States Devices, Inc SFT2907A2 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT2907A2
__ __
│
│
│
│
│
└ Scre
ening 2/ __= Commercial
TX= TX Level
TXV= TXV Level
S= S Level
└
Package GW= Gullwing
SFT2907A2
Series
Dual Microminiature Package
600 mA 60 Volts
Dual PNP Transistor
Features:
• High Speed Switching Transistor
• Multiple Devices Reduce Board Space
• High Power Dissipation: Up to 600 mW
• Replacement for 2N2907AU
• TX, TXV, S-Level Screening Available 2/
• NPN Complimentary Parts Available (SFT2222A2)
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
60
Volts
Collector – Base Voltage
VCBO
60
Volts
Emitter – Base Voltage
VEBO
5
Volts
Continuous Collector Current
IC
600
mA
Power Dissipation @ TA= 25ºC
Per Device
Total
PD
500
660
mW
Operating & Storage Temperature
TOP & Tstg
-65 to +200
ºC
Maximum Thermal Resistance (Junction to PCB)
RθJ-PCB
265
ºC/W
Gullwing (GW)
Tolerances:
.xx ±.01
.xxx ±.005
.193
.015±.010
.040
±.010
.350
±.010
6x R.010
.033
3x .015
.010
.107
.130
2x .050
(=.100)
6x .030
.107
.034
.125
6x .010
.025
5x R.018
.015
.035
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0031F
DOC


Similar Part No. - SFT2907A2

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT2907A2 SSDI-SFT2907A2 Datasheet
170Kb / 2P
Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor
SFT2907A2GW SSDI-SFT2907A2GW Datasheet
170Kb / 2P
Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor
More results

Similar Description - SFT2907A2

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT4403 JIANGSU-MMDT4403 Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com