Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT6678Z Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # SFT6678Z
Description  NPN High Speed Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6678Z Datasheet(HTML) 3 Page - Solid States Devices, Inc

  SFT6678Z Datasheet HTML 1Page - Solid States Devices, Inc SFT6678Z Datasheet HTML 2Page - Solid States Devices, Inc SFT6678Z Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0019D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6678 SERIES
Safe Operating Area, DC
VCE = 11.7 V, IC = 15 A, 1 sec
VCE = 30 V, IC = 5.9 A, 1 sec
VCE = 100 V, IC = 0.25 A, 1 sec
VCE = 400 V, IC = 10 mA, 1 sec
Safe Operating Area,
clamped switching
VCC = 15 V, VBB2 = 5 V, RBB1 = 5 Ω, RBB2 = 1.5Ω, L = 50µH,
Vclamp = 450V, IC = 15 A
Case Outline: TO-254
Case Outline: TO-254Z
Case Outline: TO-3
Lead Options
DB (Down Bend)
UB (Up Bend)
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-3 (/3)
Case
Pin 2
Pin 3
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254 (Z)
Pin 1
Pin 2
Pin 3
Available Part Numbers:
SFT6678/3
SFT6678M
SFT6678MDB
SFT6678MUB
SFT6678Z
SFT6678ZDB
SFT6678ZUB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com