Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHM120F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHM120F
Description  FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHM120F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHM120F Datasheet HTML 1Page - Solid States Devices, Inc SHM120F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0011C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SHM_ _ F ____
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
⏐
⏐
⏐
⏐
L Package
____ = Axial Leaded
SMS = Surface Mount Square Tab
⏐
⏐
⏐
⏐
⏐
⏐
L Recovery Time
F = Fast Recovery
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Voltage
15 = 1500 V
20 = 2000 V
25 = 2500 V
30 = 3000 V
40 = 4000 V
50 = 5000 V
60 = 6000 V
80 = 8000 V
100 = 10000 V
120 = 12000 V
140 = 14000 V
SHM15F-SHM140F
and
SHM15FSMS – SHM40FSMS
50-250 mAmp
1500 ─ 14000 VOLTS
FAST RECOVERY
HIGH VOLTAGE
RECTIFIER
FEATURES:
•
Fast Recovery: 150-200 nsec Maximum
•
PIV to 14000 Volts
•
Hermetically Sealed Axial Lead Package
•
Void-Free Construction
•
Metallurgically Bonded
•
175°C Maximum Operating Temperature
•
Also Available in Standard and Ultra Fast
Recovery Versions. Contact Factory.
•
TX, TXV, and Space Level Screening Available2/
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average Rectifier Current
Maximum
Reverse
Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR @ PIV
VF4/
IFSM
tRR7/
CJ
θJL
θJE
Units
mA
μA
Volts
Amps
nsec
pF
°C/W
100°C
Conditions
Volts
25°C
Axial
SMS
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
SHM
SMS
SHM15F
1500
250
160
185
1.0
25
8.0
15
150
8
65
55
SHM20F
2000
250
160
185
1.0
25
8.0
15
150
8
65
55
SHM25F
2500
250
160
185
1.0
25
8.0
15
150
8
65
55
SHM30F
3000
150
100
110
1.0
25
12
10
150
4
65
55
SHM40F
4000
150
100
110
1.0
25
12
10
150
4
65
55
SHM50F
5000
150
100
110
1.0
25
12
10
150
4
65
55
SHM60F
6000
100
65
75
1.0
25
18
5
150
2
65
55
SHM80F
8000
100
65
75
1.0
25
18
5
150
2
65
55
SHM100F
10000
100
65
75
1.0
25
18
5
150
2
65
55
SHM120F
12000
100
65
75
1.0
25
20
5
150
2
65
55
SHM140F
14000
50
35
40
1.0
25
24
1
200
2
95
85
1/ For Ordering Information, Price, Operating Curves, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a
suitable dielectric material.
4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of 300µsec
minimum.
5/ Max. lead/end tab temp for soldering is 250°C, 3/8” from the case for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=50mA, IR=100mA, IRR=25mA, TA=25°C.
8/ Consult manufacturing for operating curves.
Axial
SMS


Similar Part No. - SHM120F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHM120F SSDI-SHM120F Datasheet
225Kb / 2P
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
More results

Similar Description - SHM120F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04 FRONTIER-FV5M-04 Datasheet
116Kb / 1P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Microdiode Semiconducto...
R2500F CHENDA-R2500F_V01 Datasheet
505Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com