Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP405F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP405F
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP405F Datasheet HTML 1Page - Infineon Technologies AG BFP405F Datasheet HTML 2Page - Infineon Technologies AG BFP405F Datasheet HTML 3Page - Infineon Technologies AG BFP405F Datasheet HTML 4Page - Infineon Technologies AG BFP405F Datasheet HTML 5Page - Infineon Technologies AG BFP405F Datasheet HTML 6Page - Infineon Technologies AG BFP405F Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-04-20
BFP405F
1
1
2
4
3
NPN Silicon RF Transistor*
• For low current applications
• Smallest Package 1.4 x 0.8 x 0.59 mm
• Noise figure F = 1.25 dB at 1.8 GHz
outstanding Gms = 23 dB at 1.8 GHz
• Transition frequency f
T = 25 GHz
• Gold metallization for high reliability
• SIEGET  25 GHz fT - Line
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
* Short term description
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP405F
ALs
1=B
2=E
3=C
4=E
-
-
TSFP-4
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
TA > 0 °C
TA ≤ 0 °C
VCEO
4.5
4.1
V
Collector-emitter voltage
VCES
15
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
1.5
Collector current
IC
12
mA
Base current
IB
1
Total power dissipation2)
TS ≤ 122 °C
Ptot
55
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
Tstg
-65 ... 150
1Pb-containing package may be available upon special request
2TS is measured on the collector lead at the soldering point to the pcb


Similar Part No. - BFP405F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP405F INFINEON-BFP405F Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP405F INFINEON-BFP405F_13 Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
More results

Similar Description - BFP405F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com