Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP620 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP620
Description  NPN Silicon Germanium RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP620 Datasheet HTML 1Page - Infineon Technologies AG BFP620 Datasheet HTML 2Page - Infineon Technologies AG BFP620 Datasheet HTML 3Page - Infineon Technologies AG BFP620 Datasheet HTML 4Page - Infineon Technologies AG BFP620 Datasheet HTML 5Page - Infineon Technologies AG BFP620 Datasheet HTML 6Page - Infineon Technologies AG BFP620 Datasheet HTML 7Page - Infineon Technologies AG BFP620 Datasheet HTML 8Page - Infineon Technologies AG BFP620 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2010-09-21
5
BFP620
Third order Intercept Point IP3=ƒ(IC)
(Output, ZS = ZL=50 Ω)
VCE = parameter, f = 900MHz
0
10
20
30
40
50
60
70
80 mA 100
IC
0
3
6
9
12
15
18
21
dBm
27
0.8V
1.3V
1.8V
2.3V
Third order Intercept Point IP3 = ƒ(IC)
(Output, ZS = ZL = 50 Ω )
VCE = parameter, f = parameter
Transition frequency fT= ƒ(IC)
ƒ = 1 GHz
VCE = parameter in V
0
10
20
30
40
50
60
70
80 mA 100
IC
0
5
10
15
20
25
30
35
40
45
50
55
GHz
65
0.3
0.5
0.8
1
1.3 to 2.3
Power gain Gma, Gms = ƒ(f)
|S21|2 = ƒ (f)
VCE = 1.5 V, IC = 50 mA
0
1
2
3
4
GHz
6
f
5
10
15
20
25
30
35
40
45
dB
55
|S21|²
Gms
Gma



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com