Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP720ESD Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BFP720ESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720ESD Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BFP720ESD Datasheet HTML 6Page - Infineon Technologies AG BFP720ESD Datasheet HTML 7Page - Infineon Technologies AG BFP720ESD Datasheet HTML 8Page - Infineon Technologies AG BFP720ESD Datasheet HTML 9Page - Infineon Technologies AG BFP720ESD Datasheet HTML 10Page - Infineon Technologies AG BFP720ESD Datasheet HTML 11Page - Infineon Technologies AG BFP720ESD Datasheet HTML 12Page - Infineon Technologies AG BFP720ESD Datasheet HTML 13Page - Infineon Technologies AG BFP720ESD Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
BFP720ESD
Maximum Ratings
Data Sheet
10
Revision 1.0, 2010-06-29
3
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 3
Maximum Ratings at
T
A = 25°C (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Max.
Collector emitter voltage
V
CEO
Open base
–4.2
V
T
A = 25°C
–3.7
V
T
A = -55 °C
Collector base voltage1)
1) Low
V
CBO due to integrated protection circuits.
V
CBO
Open emitter
–4.9
V
T
A = 25°C
–4.4
V
T
A = -55 °C
Collector emitter voltage2)
2)
V
CES is identical to VCEO due to integrated protection circuits.
V
CES
Emitter / base shortened
–4.2
V
T
A = 25°C
–3.7
V
T
A = -55 °C
Base current3)
3) Sustainable reverse bias current is high due to integrated protection circuits.
IB
-10
3
mA
–
Collector current
IC
–30
mA
–
RF input power
PRFin
–21
dBm
–
ESD stress pulse4)
4) ESD robustness is high due to integrated protection circuits.
VESD
-2
2
kV
HBM, all pins, acc. to
JESD22-A114
Total power dissipation5)
5) TS is the soldering point temperature. TS measured on the emitter lead at the soldering point of the pcb.
Ptot
–100
mW
T
S ≤ 108 °C
Junction temperature
T
J
–150
°C
–
Storage temperature
T
Stg
-55
150
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com