Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP720FESD Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BFP720FESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720FESD Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BFP720FESD Datasheet HTML 5Page - Infineon Technologies AG BFP720FESD Datasheet HTML 6Page - Infineon Technologies AG BFP720FESD Datasheet HTML 7Page - Infineon Technologies AG BFP720FESD Datasheet HTML 8Page - Infineon Technologies AG BFP720FESD Datasheet HTML 9Page - Infineon Technologies AG BFP720FESD Datasheet HTML 10Page - Infineon Technologies AG BFP720FESD Datasheet HTML 11Page - Infineon Technologies AG BFP720FESD Datasheet HTML 12Page - Infineon Technologies AG BFP720FESD Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
BFP720FESD
Product Brief
Data Sheet
9
Revision 1.1, 2010-06-29
Table 2
Quick Reference AC Characteristics at
T
A = 25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Transition frequency
f
T
–45
–
GHz
V
CE =3 V, IC = 15mA
f =1GHz
V
CE = 3 V, f = 2.4 GHz
Maximum Power Gain
dB
Low noise operation point
G
ms
–22.5
–
I
C =5mA
High linearity operation point
G
ms
–26
–
I
C =15mA
Transducer Gain
dB
Z
S = ZL =50 Ω
Low noise operation point
S
21
–20
–
I
C =5mA
High linearity operation point
S
21
–23.5
–
I
C =15mA
Minimum Noise Figure
dB
Z
S = Zopt
Minimum noise figure
NF
min
–0.6
–
I
C =5mA
Associated gain
G
ass
–21
–
I
C =5mA
Linearity
dBm
Z
S = ZL =50 Ω
1 dB gain compression point
OP
1dB
–7
–
I
C =15mA
3rd order intercept point
OIP
3
–22
–
I
C =15mA
V
CE =3V, f = 5.5 GHz
Maximum Power Gain
dB
Low noise operation point
G
ms
–19.5
–
I
C =5mA
High linearity operation point
G
ms
–22
–
I
C =15mA
Transducer Gain
dB
Z
S = ZL =50 Ω
Low noise operation point
S
21
–15
–
I
C =5mA
High linearity operation point
S
21
–17
–
I
C =15mA
Minimum Noise Figure
dB
Z
S = Zopt
Minimum noise figure
NF
min
–0.8
–
I
C =5mA
Associated gain
G
ass
–16
–
I
C =5mA
Linearity
dBm
Z
S = ZL =50 Ω
1 dB gain compression point
OP
1dB
–7
–
I
C =15mA
3rd order intercept point
OIP
3
–21
–
I
C =15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com