Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP740 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP740
Description  NPN Silicon Germanium RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP740 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP740 Datasheet HTML 2Page - Infineon Technologies AG BFP740 Datasheet HTML 3Page - Infineon Technologies AG BFP740 Datasheet HTML 4Page - Infineon Technologies AG BFP740 Datasheet HTML 5Page - Infineon Technologies AG BFP740 Datasheet HTML 6Page - Infineon Technologies AG BFP740 Datasheet HTML 7Page - Infineon Technologies AG BFP740 Datasheet HTML 8Page - Infineon Technologies AG BFP740 Datasheet HTML 9Page - Infineon Technologies AG BFP740 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2009-12-04
BFP740
6
Third order Intercept Point IP3 = ƒ (IC)
(Output, ZS = ZL = 50 Ω )
VCE = parameter, f = 1.8 GHz
0
5
10
15
20
25
30
35
0
3
6
9
12
15
18
21
24
27
30
I
C
[mA]
1.00V
2.00V
3.00V
4.00V
Transition frequency fT = ƒ(IC)
f = 2 GHz
VCE = parameter
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
45
50
I
C
[mA]
2V to 4V
1.00V
0.75V
0.50V
Power gain Gma, Gms = ƒ (f)
VCE = 3 V, IC = 25 mA
0
1
2
3
4
5
6
5
10
15
20
25
30
35
40
45
50
55
f [GHz]
G
ms
G
ma
|S
21
|
2
Power gain Gma, Gms = ƒ (IC)
VCE = 3 V
f = parameter
0
5
10
15
20
25
30
35
10
12
14
16
18
20
22
24
26
28
30
32
34
I
C
[mA]
6.00GHz
5.00GHz
4.00GHz
3.00GHz
2.40GHz
1.80GHz
0.90GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com