Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD9442 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD9442
Description  RADIATION DETECTOR PIN DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD9442 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD9442 Datasheet HTML 1Page - Solid States Devices, Inc SPD9442 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0131A
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
MIN
MAX
UNIT
Photocurrent, Bias = 15V min
10
6 (RAD(Si)/Sec)
Gamma Radiation
IP
5
5
--
--
nQ/(RAD(Si)
mAdc
Capacitance
(VR = 50V, f = 1MHz)
CJ
--
11
pF
Reverse Leakage Current
(VR = 50Vdc)
IR
--
500
nAdc
Breakdown Voltage
(Ir = 100 μAdc)
BVR
100
--
Vdc
AXIAL
* .175” max special order available.
** .028/.032 special order available.
DIMENSIONS
DIM
MIN
MAX
A
---
.200”
B*
---
.300”
C**
.037”
.041”
D
.75”
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD9442



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com