Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 67 Page - Motorola, Inc

Part # MC68340
Description  QUad Integrated Communications Controller Users Manual
PDF  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68340 Datasheet(HTML) 67 Page - Motorola, Inc

Back Button MC68340 Datasheet HTML 63Page - Motorola, Inc MC68340 Datasheet HTML 64Page - Motorola, Inc MC68340 Datasheet HTML 65Page - Motorola, Inc MC68340 Datasheet HTML 66Page - Motorola, Inc MC68340 Datasheet HTML 67Page - Motorola, Inc MC68340 Datasheet HTML 68Page - Motorola, Inc MC68340 Datasheet HTML 69Page - Motorola, Inc MC68340 Datasheet HTML 70Page - Motorola, Inc MC68340 Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 962 page
background image
MOTOROLA
MC68360 USER’S MANUAL
3-1
SECTION 3
QUICC MEMORY MAP
The following tables present a programmer’s model (register map) of all registers in the
QUICC. For more information about a particular register, refer to the description for the mod-
ule or sub-module indicated in the right column. The address column indicates the offset of
the register from the address stored in the module base address register (MBAR). This reg-
ister in the SIM block controls the location of all internal memory/registers as well as their
supervisor/user access space (see Section 6 System Integration Module (SIM60)). Bold let-
ters mark registers that are restricted to supervisor access. Other registers are programma-
ble to exist in either supervisor or user space. Registers that are reset only by hard reset are
marked with an H in the reset value column. All of the registers are memory-mapped.
All internal memory and registers occupy a single 8-Kbyte memory block that is relocatable
along 8-Kbyte boundaries. The location is fixed by writing the desired base address of the
8-Kbyte memory block to the MBAR using the MOVES instruction. The MBAR is the only
exception since it resides at a fixed location in $03FF00.
The 8-Kbyte block is divided into two 4-Kbyte sections. The RAM occupies the first section;
the internal registers occupy the second section. The location of the QUICC registers is
shown in Figure 3-1.
Thi d
t
t d
ith F
M k
4 0 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com