Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4192II Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4192II
Description  AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4192II Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4192II Datasheet HTML 1Page - Sanyo Semicon Device STK4192II Datasheet HTML 2Page - Sanyo Semicon Device STK4192II Datasheet HTML 3Page - Sanyo Semicon Device STK4192II Datasheet HTML 4Page - Sanyo Semicon Device STK4192II Datasheet HTML 5Page - Sanyo Semicon Device STK4192II Datasheet HTML 6Page - Sanyo Semicon Device STK4192II Datasheet HTML 7Page - Sanyo Semicon Device STK4192II Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STK4192II
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
70997HA (ID) / D2593YK / 0078TA / 7167AT, TS No. 2305—1/8
Ordering number: EN2305C
Thick Film Hybrid IC
AF Power Amplifier (Split Power Supply)
(50W + 50W min, THD = 0.4%)
Features
• The STK4102II series (STK4192II) and STK4101V
series (high-grade type) are pin-compatible in the out-
put range of 6W to 50W and enable easy design.
• Small-sized package whose pin assignment is the same
as that of the STK4101II series
• Built-in muting circuit to cut off various kinds of pop
noise
• Greatly reduced heat sink due to substrate temperature
125
°C guaranteed
• Excellent cost performance
Package Dimensions
unit: mm
4040
[STK4192II]
Specifications
Maximum Ratings at Ta = 25
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±52.5
V
Thermal resistance
θj-c
1.8
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
−30 to +125
°C
Available time for load short-circuit
ts
VCC = ±35V, RL = 8Ω, f = 50Hz, PO = 50W
2
s
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
±35
V
Load resistance
RL
8
Ω


Similar Part No. - STK4192II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4192II ETC1-STK4192II Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results

Similar Description - STK4192II

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-290 SANYO-STK400-290 Datasheet
536Kb / 10P
AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4038II SANYO-STK4038II Datasheet
47Kb / 3P
AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
STK4048II SANYO-STK4048II Datasheet
66Kb / 3P
AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
STK405-090 SANYO-STK405-090 Datasheet
153Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com