Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRM10 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SRM10
Description  STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRM10 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SRM10 Datasheet HTML 1Page - Solid States Devices, Inc SRM10 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0046F
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 20 ADC, 300sec min pulse)
TA = 25
oC
TA = -55
oC
VF1
VF2
––
––
1.05
1.15
VDC
(IF = 60 ADC, 300sec min pulse)
TA = 25
oC
VF3
––
1.20
VDC
Reverse Leakage Current
(Rated VR, 300 sec min pulse)
TA = 25
oC
TA = 100
oC
IR1
IR2
––
––
2.0
500
A
Junction Capacitance
(VR =10 VDC, TA = 25
oC, f = 1 MHz)
CJ
––
250
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
trr
––
5
sec
Case Outline: AXIAL
TOLERANCES: (unless otherwise specified)
.XX±.03, .XXX±.010
Case Outline: SMS
Case Outline: SRM Button
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SRM6 thru SRM12
Series
TYPICAL FORWARD VOLTAGE (Vf)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com