Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC010NE2LS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSC010NE2LS
Description  n-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC010NE2LS Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSC010NE2LS Datasheet HTML 1Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC010NE2LS
Final Data Sheet
1
2.0, 2011-03-01
1
Description
OptiMOS™25V products are class leading power MOSFETs for highest power
density and energy efficient solutions. Ultra low gate- and output charges together
with lowest on state resistance in small footprint packages make OptiMOS™ 25V
the best choice for the demanding requirements of voltage regulator solutions in
Servers, Datacom and Telecom applications. Super fast switching Control FETs
together with low EMI Sync FETs provide solutions that are easy to design in.
OptiMOS™ products are available in high performance packages to tackle your
most challenging applications giving full flexibility in optimizing space, efficiency
and cost. OptiMOS™ products are designed to meet and exceed the energy
efficiency and power density requirements of the sharpened next generation
voltage regulation standards in computing applications.
Features
•
Optimized for high performance buck converters
•
100% avalanche tested
•
Very low on-resistance R
DS(on) @ VGS=4.5V
•
N-channel
•
Qualified according to JEDEC
1) for target applications
•
Superior thermal resistance
•
Pb-free plating; RoHS compliant
•
Halogen-free according to IEC61249-2-21
Applications
•
On board power for server
•
Power managment for high performance computing
•
Synchronous rectification
•
High power density point of load converters
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
Related Links
V
DS
25
V
IFX OptiMOS webpage
R
DS(on),max
1m
Ω
IFX OptiMOS product brief
I
D
100
A
IFX OptiMOS spice models
Q
OSS
33
nC
IFX Design tools
Q
g.typ
64
Type
Package
Marking
BSC010NE2LS
PG-TDSON-8
010NE2LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com