Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK433
Description  AF Power Amplifier (5W 5W min, THD = 1.0%)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK433 Datasheet HTML 1Page - Sanyo Semicon Device STK433 Datasheet HTML 2Page - Sanyo Semicon Device STK433 Datasheet HTML 3Page - Sanyo Semicon Device STK433 Datasheet HTML 4Page - Sanyo Semicon Device STK433 Datasheet HTML 5Page - Sanyo Semicon Device STK433 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STK4332
No. 1227—2/6
Operating Characteristics at Ta = 25
°C, V
CC = 23V, RL = 8Ω, Rg = 600Ω, VG = 40 dB,
at specified Test Circuit (based on Sample Application Circuit).
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC = 27V
20
60
120
mA
Output power
PO (1)
THD = 1.0%, f = 1kHz
5
W
PO (2)
THD = 1.0%,
f = 60Hz to 10kHz
2.5
W
Total harmonic distortion
THD
PO = 0.1W, f = 1kHz
0.5
%
Frequency response
fL, fH
PO = 0.1W,
dB
50 to 50k
Hz
Input impedance
ri
PO = 0.1W, f = 1kHz
110k
Ω
Output noise voltage
VNO
VCC = 27V, Rg = 10kΩ
0.8
mVrms
+0
−3
Notes.
Unless otherwise specified for the power supply at the time of test, use the
constant voltage power supply.
When testing the available time for load short-circuit and output noise voltage,
use the specified transformer as shown right.
The output noise voltage is the peak value on the mean value indicating rms
reading (VTVM), and should not involve impulse noise.
Specified Transformer Power Supply
(Equivalent to RP-22)
Equivalent Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com