Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3496 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3496
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 3 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3597
3
3597f
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
l
6
55
V
Quiescent Current from VIN
EN/UVLO = 0.4V
BIAS = 5V, Not Switching
BIAS = 0V, Not Switching
2.1
4
2
4
6
µA
mA
mA
Minimum BIAS Voltage
3
3.1
V
Quiescent Current from BIAS
EN/UVLO = 0.4V
BIAS = 5V, Not Switching
BIAS = 0V, Not Switching, Current Out of Pin
2
60
2
3
150
µA
mA
µA
EN Threshold (Falling)
0.4
0.7
V
UVLO Threshold (Falling)
1.47
1.51
1.53
V
EN/UVLO Pin Current (Hysteresis)
EN/UVLO = 1.6V
EN/UVLO = 1.4V
4
10
5.1
6
nA
µA
FB1-3 Regulation Voltage
1.15
1.22
1.25
V
FB1-3 Pin Bias Current
FB = 6V
200
nA
Maximum Duty Cycle
RT = 220k (200kHz)
RT = 33.2k (1MHz)
90
78
95
85
%
%
Switch Saturation Voltage
ISW1-3 = 100mA
265
mV
Switch Current Limit
400
510
700
mA
DA Pin Current to Stop OSC
225
280
350
mA
Switch Leakage
VSW1-3 = 0V
700
nA
BST1-3 Pin Current
ISW1-3 = 100mA
2
mA
Switching Frequency
RT = 220k
RT = 33.2k
170
900
200
1000
230
1100
kHz
kHz
SYNC Input Low
0.4
V
SYNC Input High
1.6
V
SYNC Frequency Range
RT = 220k
RT = 47k
240
1000
kHz
kHz
SYNC Pin Bias Current
VSYNC = 3.3V
200
nA
Soft-Start Time
(Note 4)
2.5
ms
VREF Voltage
IVREF = 0µA
l
1.96
2.0
2.04
V
Maximum VREF Current
200
µA
ISET1-3 Pin Voltage
RISET1-3 = 20k, VCTRL = VCTRLM = TSET = 1.5V
1.0
V
TSET Voltage for LED Current Derating
540
mV
TSET Pin Leakage Current
VTSET = 1.0V
200
nA
ILED1-3 LED Current
RISET1-3 = 20k
l
98
97
100
100
102
103
mA
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, BOOST = 29V, BIAS = 5V, EN/UVLO = 5V, PWM1-3 = 3.3V,
CTRL1-3 = CTRLM = TSET = 2.0V, VOUT1-3 = 24V, SYNC = 0V, unless otherwise specified. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com