Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS3550C Datasheet(PDF) 1 Page - Micross Components

Part # LS3550C
Description  Linear Systems Monolithic Dual PNP Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS3550C Datasheet(HTML) 1 Page - Micross Components

  LS3550C Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
EXCELLENT THERMAL TRACKING  ≤ 15µV/°C 
TIGHT VBE MATCHING 
|VBE1 – VBE2 | ≤10mV  
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
TBD 
Maximum Currents 
Collector Current 
10mA 
Maximum Voltages 
Collector to Collector Voltage 
80V 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 | 
Base Emitter Voltage Differential 
‐‐ 
‐‐ 
10 
mV 
IC = ‐10mA, VCE = ‐5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
‐‐ 
15 
µV/°C 
IC = ‐10mA, VCE = ‐5V 
TA = ‐40°C to +85°C 
|IB1 – IB2 | 
Base Current Differential 
‐‐ 
‐‐ 
10 
nA 
IC = ‐10µA, VCE = ‐5V 
|∆ (IB1 – IB2)|/∆T 
Base Current Differential 
 Change with Temperature 
‐‐ 
‐‐ 
1.0 
nA/°C 
IC = ‐10µA, VCE = ‐5V 
TA = ‐40°C to +85°C 
hFE1 /hFE2 
DC Current Gain Differential 
‐‐ 
‐‐ 
15 
% 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVCBO 
Collector to Base Voltage ‐20 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
BVCEO 
Collector to Emitter Voltage ‐20 
‐‐ 
‐‐ 
V 
IC = 10µA, IB = 0 
BVEBO 
Emitter‐Base Breakdown Voltage ‐6.2 
‐‐ 
‐‐ 
V 
IE = 10µA, IC = 0
2 
BVCCO 
Collector to Collector Voltage ‐80 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
 
hFE 
 
DC Current Gain 
50 
‐‐ 
‐‐ 
 
IC = ‐1mA, VCE = ‐5V 
40 
‐‐ 
‐‐ 
 
IC = ‐10mA, VCE = ‐5V 
40 
‐‐ 
‐‐ 
 
IC = ‐100mA, VCE = ‐5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
‐1.2 
V 
IC = ‐100mA, IB = ‐10mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
‐0.2 
nA 
IE = 0, VCB = ‐3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
‐0.2 
nA 
IE = 0, VCB = ‐20V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
2 
pF 
IE = 0, VCB = ‐10V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
2 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
‐1 
nA 
VCC = ±80V 
fT 
Current Gain Bandwidth 
Product(Current) 
‐‐ 
‐‐ 
600 
MHz 
IC = ‐1mA, VCE = ‐5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
3 
dB 
IC = ‐100µA,  VCE = ‐5V, BW=200Hz, RG= 10Ω,  
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
 
 
 
LS3550C
MONOLITHIC DUAL
PNP TRANSISTOR
LS3550C Features:
Tight matching
Low Output Capacitance
The LS3550C is a monolithic pair of PNP transistors
mounted in a single TO-71 package. The monolithic
dual chip design reduces parasitics and gives better
performance while ensuring extremely tight matching.
The hermetically sealed TO-71 is well suited for hi-rel
and harsh environment applications.
(See Packaging Information).
Linear Systems Monolithic Dual PNP Transistor
Available Packages:
LS3550C in TO-71
LS3550C available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
TO-71 (Bottom View)


Similar Part No. - LS3550C

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3550C MICROSS-LS3550C Datasheet
273Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C MICROSS-LS3550C Datasheet
285Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
logo
Linear Integrated Syste...
LS3550C LINEAR-LS3550C Datasheet
270Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
logo
Micross Components
LS3550C_PDIP MICROSS-LS3550C_PDIP Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C_SOIC MICROSS-LS3550C_SOIC Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
More results

Similar Description - LS3550C

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3550B_TO-78 MICROSS-LS3550B_TO-78 Datasheet
308Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C_PDIP MICROSS-LS3550C_PDIP Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C_SOIC MICROSS-LS3550C_SOIC Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C_SOT-23 MICROSS-LS3550C_SOT-23 Datasheet
273Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C_TO-78 MICROSS-LS3550C_TO-78 Datasheet
285Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS350 MICROSS-LS350 Datasheet
276Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS351 MICROSS-LS351 Datasheet
276Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS352 MICROSS-LS352 Datasheet
276Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550A MICROSS-LS3550A Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550B MICROSS-LS3550B Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com