Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4440 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4440
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology LTC4440 Datasheet HTML 10Page - Linear Technology LTC4440 Datasheet HTML 11Page - Linear Technology LTC4440 Datasheet HTML 12Page - Linear Technology LTC4440 Datasheet HTML 13Page - Linear Technology LTC4440 Datasheet HTML 14Page - Linear Technology LTC4440 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC1154
11
1154fb
TYPICAL APPLICATIONS
APPLICATIONS INFORMATION
added as shown in Figure 8 which holds the supply pin of
theLTC1154highlongenoughfortheovercurrentshutdown
circuitry to respond and fully discharge the gate.
Five volt linear regulators with small output capacitors are
the most difficult to protect as they can “switch” from a
voltage mode to a current limited mode very quickly. The
large output capacitors on many switching regulators may
be able to hold the supply pin of the LTC1154 above 3.5V
sufficiently long that this extra filtering is not required.
Because the LTC1154 is micropower in both the standby
and ON state, the voltage drop across the supply filter is
less than 2mV, and does not significantly alter the accuracy
of the 100mV drain sense threshold voltage.
IN
EN
STATUS
†
GND
VS
DS
G
SD
LTC1154
+
100μF
IRLZ24
6V
LTC1154 • TA03
6V
LOAD
5V
*RL3006-50-100-25-PT0 KEYSTONE
30k
PTC
THERMISTOR
(100°C)*
μP OR
CONTROL
LOGIC
IN
EN
STATUS
†
GND
VS
DS
G
SD
LTC1154
IRLZ24
5V
LTC1154 • TA04
6V
LOAD
5V
μP OR
CONTROL
LOGIC
1μF**
+
100μF
10k
1N4148*
2N2907
10k
OPTIONAL IF SUPPLY VOLTAGE LESS THAN 6V.
CAPACITOR CHARGED TO SUPPLY VOLTAGE.
SHUTDOWN OCCURS WHEN SUPPLY VOLTAGE
DROPS BY 0.6V.
*
**
+
IN
EN
STATUS
†
GND
VS
DS
G
SD
LTC1154
+
10μF
IRLD024
4.75V TO 5.25V
LTC1154 • TA05
5V
LOAD
5V
SWITCH IS SHUTDOWN WHEN VS > 5.7V
μP OR
CONTROL
LOGIC
100Ω
5.6V
IN
EN
STATUS
†
GND
VS
DS
G
SD
LTC1154
MTP12N06
24V TO 28V
LTC1154 • TA06
24V TO 28V
LOAD
5V
*KEYSTONE RL2006-100-100-30-PT.
MOUNT ON MOSFET OR LOAD HEAT SINK
μP OR
CONTROL
LOGIC
10μF
+
100μF
3k
18V
PTC
THERMISTOR
(100°C)*
200k
+
High Side Driver with Thermal Shutdown
High Side Driver with Overvoltage Shutdown
High Side Driver with Undervoltage Shutdown
24V to 28V High Side Switch with Thermal Shutdown
†A 51k pullup resistor should be connected between Status Output and 5V Logic Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com