Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP613P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP613P
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP613P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP613P Datasheet HTML 1Page - Infineon Technologies AG BSP613P Datasheet HTML 2Page - Infineon Technologies AG BSP613P Datasheet HTML 3Page - Infineon Technologies AG BSP613P Datasheet HTML 4Page - Infineon Technologies AG BSP613P Datasheet HTML 5Page - Infineon Technologies AG BSP613P Datasheet HTML 6Page - Infineon Technologies AG BSP613P Datasheet HTML 7Page - Infineon Technologies AG BSP613P Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007-02-08
Rev.2.4
Page 3
BSP613P
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
|VDS|≥2*|ID|*RDS(on)max ,
ID=2.9A
2.7
5.4
-
S
Input capacitance
Ciss
VGS=0, VDS=-25V,
f=1MHz
-
715
875
pF
Output capacitance
Coss
-
230
295
Reverse transfer capacitance
Crss
-
90
120
Turn-on delay time
td(on)
VDD=-30V, VGS=-10V,
ID=2.9A, RG=2.7Ω
-
6.7
17
ns
Rise time
tr
-
9
18
Turn-off delay time
td(off)
-
26
52
Fall time
tf
-
7
19
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-48V, ID=2.9A
-
2.5
3.8
nC
Gate to drain charge
Qgd
-
8.9
14.3
Gate charge total
Qg
VDD=-48V, ID=2.9A,
VGS=0 to -10V
-
22
33
Gate plateau voltage
V(plateau) VDD=-48V, ID=2.9A
-
-3.9
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
-2.9
A
Inv. diode direct current, pulsed ISM
-
-
-11.6
Inverse diode forward voltage
VSD
VGS=0V, |IF| = |IS|
-
-0.8
-1.1
V
Reverse recovery time
trr
VR=-30V, |IF| = |IS|,
diF/dt=100A/µs
-
37.2
79
ns
Reverse recovery charge
Qrr
-
59.8
112
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com