Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4008 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4008
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 2 Page - Linear Technology

  LTC4008 Datasheet HTML 1Page - Linear Technology LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
LTC1760
2
1760fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
DCIN, SCP, SCN, CLP,
VPLUS, SW to GND ..................................... –0.3V to 32V
SCH1, SCH2 to GND................................... –0.3V to 28V
BOOST to GND........................................... –0.3V to 37V
CSP, CSN, BAT1, BAT2 to GND................... –0.3V to 28V
LOPWR, DCDIV to GND ............................. –0.3V to 10V
VCC2, VDDS to GND....................................... –0.3V to 7V
SDA1, SDA2, SDA, SCL1,
SCL2, SCL, SMBALERT to GND.................... –0.3V to 7V
MODE to GND .................................–0.3V to VCC2 +0.3V
COMP1 to GND ............................................ –0.3V to 5V
Maximum DC Current Into Pin
SDA1, SDA2, SDA, SCL1, SCL2, SCL ................ ±3mA
TH1A, TH2A ..................................................... –5mA
TH1B, TH2B ................................................... –102μA
Operating Junction Temperature Range
(Note 6).................................................. –40°C to 125°C
Storage Temperature.............................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP VIEW
FW PACKAGE
48-LEAD PLASTIC TSSOP
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SCH2
GCH2
GCH1
SCH1
TGATE
BOOST
SW
DCIN
VCC
BGATE
PGND
COMP1
CLP
CSP
CSN
VLIMIT
ILIMIT
TH1B
TH1A
SMBALERT
TH2A
TH2B
MODE
VCC2
VPLUS
BAT2
BAT1
SCN
SCP
GDCO
GDCI
GB1O
GB1I
GB2O
GB2I
LOPWR
VSET
ITH
ISET
DCDIV
SCL2
SCL
SCL1
VDDS
SDA2
SDA
SDA1
GND
TJMAX = 125°C, θJA = 110°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1760CFW#PBF
LTC1760CFW#TRPBF
LTC1760CFW
48-Lead Plastic TSSOP
0°C to 85°C
LTC1760IFW#PBF
LTC1760IFW#TRPBF
LTC1760IFW
48-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com