Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK732 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK732
Description  15 V Single Output MOS Chopper Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK732 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK732 Datasheet HTML 1Page - Sanyo Semicon Device STK732 Datasheet HTML 2Page - Sanyo Semicon Device STK732 Datasheet HTML 3Page - Sanyo Semicon Device STK732 Datasheet HTML 4Page - Sanyo Semicon Device STK732 Datasheet HTML 5Page - Sanyo Semicon Device STK732 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STK732C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
Maximum DC input voltage
VIN (DC) max
60
V
Maximum output current
IO max
5/10 pk
A
Thermal resistance
θj-c
3.5
°C/W
Junction temperature
Tj max
150
°C
Operating substrate temperature
Tc max
105
°C
Storage temperature
Tstg
–30 to +105
°C
Electrical Characteristics at Ta = 25°C, for the specified test circuit
Rating
Parameter
Symbol
Condition
min
typ
max
Unit
Output voltage setting
VO
VIN (DC) = 35 V, IO = 1 A
14.7
15.0
15.3
V
Ripple voltage
Vrp
VIN (DC) = 35 V, IO = 1 A
25
mVrms
Input regulation
Reg-IN
VIN (DC) = 20 to 45 V, IO = 1 A
20
mV/V
Load regulation
Reg-L
VIN (DC) = 35 V, IO = 0.5 to 5 A
40
mV/A
Overcurrent protection start current
IOCP
VIN (DC) = 35 V
10
A
Efficiency
η
VIN (DC) = 35 V, IO = 2.5 A
90
%
Operating frequency
f
VIN (DC) = 35 V, IO = 1 A
85
kHz
Output voltage temperature coefficient
TCVO
VIN (DC) = 35 V, IO = 1 A
0.01
%/°C
Cutoff voltage
Voff
Output on
3
20
V
(Pin 12 input voltage)
Output off
0
0.8
V
Peak Current
Block Diagram
No. 4533-2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com