Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology LTC4263 Datasheet HTML 27Page - Linear Technology LTC4263 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC4274
28
4274fa
RELATED PARTS
©LINEAR TECHNOLOGY CORPORATION 2009
LT 0411 REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
Autonomous Midspan PSE
TYPICAL APPLICATION
4274 TA02
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
AGND
VEE SENSE
RSENSE
IRFM120A
–54V
1μF
100V
SMAJ58A
GATE
OUT
PORT
0.22μF
100V
S1B
10k
DGND
VDD
RESET
SHDN
MID
MSD
AUTO
INT
10k
0.1μF
3.3V
LTC4274
–54V
PART NUMBER
DESCRIPTION
COMMENTS
LT1619
Low Voltage Current Mode PWM Controller
–48V to 3.3V at 300mA, MSOP Package
LTC4257
IEEE 802.3af PD Interface Controller
100V, 400mA Internal Switch, Programmable Class
LTC4257-1
IEEE 802.3af PD Interface Controller
100V, 400mA Internal Switch, Dual Current Limit, Programmable Class
LTC4258
Quad IEEE 802.3af PoE PSE Controller
DC Disconnect Sensing Only
LTC4259A-1
Quad IEEE 802.3af PoE PSE Controller
With Both AC and DC Disconnect Sensing
LTC4263
Single IEEE 802.3af PSE Controller
Internal FET Switch, Autonomous Operation
LTC4263-1
High Power Single PoE PSE Controller
Internal FET Switch, Autonomous Operation
LTC4264
High Power PD Controller
Internal FET Switch With 750mA Current Limit
LTC4265
IEEE 802.3at PD Interface Controller
100V, 1A Internal Switch, 2-Event Classification Recognition
LTC4266
IEEE 802.3at Quad PSE Controller
Supports IEEE 802.3at Type 1 and 2 PDs, 0.34Ω Channel Resistance, Advanced Power
Management, High-Reliability 4-Point PD Detection, Legacy Capacitance Detect
LTC4267
IEEE 802.3af PD Interface Console with
Integrated Switching Regulator
Internal 100V, 400mA Switch, Dual Inrush Current, Programmable Class
LTC4267-1
IEEE 802.3af PD Interface with Integrated
Switching Regulator
100V, 400mA Internal Switch, Programmable Class, 200kHz Constant Frequency PWM
LTC4267-3
IEEE 802.3af PD Interface with Integrated
Switching Regulator
100V, 400mA Internal Switch, Programmable Class, 300kHz Constant Frequency PWM
LTC4268-1
High Power PD with Synchronous Flyback
Controller
No Optocoupler Required
LTC4269-1
IEEE 802.3at PD Interface Console with
Integrated Switching Regulator
2-Event Classification, Programmable Classification, Synchronous No-Opto Flyback
Controller, 50kHz to 250kHz, Auxiliary Support
LTC4269-2
IEEE 802.3at PD Interface Console with
Integrated Switching Regulator
2-Event Classification, Programmable Classification, Synchronous Forward Controller,
100kHz to 500kHz, Auxiliary Support
LTC4278
IEEE 802.3at PD Interface with Integrated
Switching Regulator
2-Event Classification, Programmable Classification, Synchronous No-Opto Flyback
Controller, 50kHz to 250kHz, 12V Auxiliary Support
LTC4311
SMBus/I2C Accelerator
Improved I2C Rise Time, Ensures Data Integrity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com