Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4278 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4278
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4278 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4278 Datasheet HTML 17Page - Linear Technology LTC4278 Datasheet HTML 18Page - Linear Technology LTC4278 Datasheet HTML 19Page - Linear Technology LTC4278 Datasheet HTML 20Page - Linear Technology LTC4278 Datasheet HTML 21Page - Linear Technology LTC4278 Datasheet HTML 22Page - Linear Technology LTC4278 Datasheet HTML 23Page - Linear Technology LTC4278 Datasheet HTML 24Page - Linear Technology LTC4278 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC4274
21
4274fa
APPLICATIONS INFORMATION
even at extended 802.3at power levels. Current limit and
foldback behavior are programmable. Figure 14 shows
MOSFET power dissipation with 802.3af-style foldback
compared with a typical MOSFET SOA curve; Figure 15
demonstrates how two-stage foldback keeps the FET
within its SOA under the same conditions. Table 4 gives
examples of recommended ILIM register settings.
The LTC4274 will support current levels well beyond the
maximum values in the 802.3at specification. The shaded
areas in Table 5 indicate settings that may require a larger
external MOSFET, additional heat sinking, or a reduced
tLIM setting.
MOSFET Fault Detection
LTC4274 PSE ports are designed to tolerate significant
levels of abuse, but in extreme cases it is possible for the
external MOSFET to be damaged. A failed MOSFET may
short source to drain, which will make the port appear to
be on when it should be off; this condition may also cause
the sense resistor to fuse open, turning off the port but
causing the LTC4274 SENSE pin to rise to an abnormally
high voltage. A failed MOSFET may also short from gate
to drain, causing the LTC4274 GATE pin to rise to an ab-
normally high voltage. The LTC4274 SENSE and GATE pins
are designed to tolerate up to 80V faults without damage.
If the LTC4274 sees any of these conditions for more than
180μs, it disables all port functionality, reduces the gate
drive pull-down current for the port and reports a FET Bad
fault. This is typically a permanent fault, but the host can
attempt to recover by resetting the port, or by resetting
the entire chip if a port reset fails to clear the fault. If the
MOSFET is in fact bad, the fault will quickly return, and
the port will disable itself again.
An open or missing MOSFET will not trigger a FET Bad
fault, but will cause a tSTART fault if the LTC4274 attempts
to turn on the port.
Voltage and Current Readback
The LTC4274 measures the output voltage and current
at each port with an internal A/D converter. Port data is
only valid when the port power is on. The converter has
two modes:
• Slow mode: 14 samples per second, 14.5 bits resolution
• Fast mode: 440 samples per second, 9.5 bits resolution
In fast mode, the least significant 5 bits of the lower byte are
zeroes so that bit scaling is the same in both modes.
Disconnect
The LTC4274 monitors the port to make sure that the PD
continues to draw the minimum specified current. A dis-
connect timer counts up whenever port current is below
7.5mA (typ), indicating that the PD has been disconnected.
If the tDIS timer expires, the port will be turned off and
the disconnect bit in the fault event register will be set.
If the current returns before the tDIS timer runs out, the
Figure 14. Turn On Currents vs FET Safe Operating
Area at 90°C Ambient
Figure 15. LTC4274 Foldback vs FET Safe Operating
Area at 90°C Ambient
PD Voltage (V) at VPSE = 58V
0
0.0
0.2
0.4
0.6
10
20
30
40
4274 F14
50
0.8
1.0
0.1
0.3
0.5
0.7
0.9
60
802.3af FOLDBACK
SOA DC AT 90°C
PD Voltage (V) at VPSE = 58V
0
0.0
0.2
0.4
0.6
10
20
30
40
4274 F15
50
0.8
1.0
0.1
0.3
0.5
0.7
0.9
60
802.3af FOLDBACK
SOA DC AT 90°C
SOA
75ms
AT
90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com