Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4352 Datasheet(PDF) 1 Page - Micross Components

Part # LS4352
Description  N-Channel Mosfet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS4352 Datasheet(HTML) 1 Page - Micross Components

  LS4352 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR INTERSIL 2N4352 
HIGH DRAIN CURRENT 
ID = 100mA  
HIGH GAIN 
gfS = 1000µS 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
375mW 
MAXIMUM CURRENT
Drain to Source (Note 1) 
100mA 
MAXIMUM VOLTAGES 
Drain to Body 
25V 
Drain to Source 
25V 
Peak Gate to Source (Note 2) 
±125V 
LS4352 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVDSS 
Drain to Source Breakdown Voltage 
25 
‐‐ 
‐‐ 
 
V 
ID = 10µA,   VGS = 0V 
VDS(on) 
Drain to Source “On” Voltage 
‐‐ 
‐‐ 
1 
                   ID = 2mA,   VGS = 10V 
VGS(th) 
Gate to Source Threshold Voltage 
1 
‐‐ 
5 
VDS = 10V,    ID = 10µA 
IGSS 
Gate Leakage Current 
‐‐ 
‐‐ 
10 
pA 
VGS = ±30V,   VDS = 0V 
IDSS 
Drain Leakage Current “Off” 
‐‐ 
‐‐ 
10 
nA 
VGS = 10V,   VDS = 10V 
ID(on) 
Drain Current “On” 
3 
‐‐ 
‐‐ 
mA 
VGS = 10V,  VDS = 10V 
gfs 
Forward Transconductance 
1000 
‐‐ 
‐‐ 
µS 
VDS = 10V,    ID = 2mA ,   f = 1MHz 
rDS(on) 
Drain to Source “On” Resistance 
‐‐ 
‐‐ 
300 Ω 
VGS = 10V,   ID = 0A,   f = 1kHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
1.3  
pF 
VDS = 0V,     VGS = 0V ,   f = 140kHz 
Ciss 
Input Capacitance 
‐‐ 
‐‐ 
5 
VDS = 10V,     VGS = 0V ,   f = 140kHz 
Cdb 
Drain to Body Capacitance 
‐‐ 
‐‐ 
5.0 
VDB = 10V,   f = 140kHz 
  
 
 
 
 
 
SWITCHING CHARACTERISTICS                                                                                                                                     TIMING WAVEFORMS 
SYMBOL 
CHARACTERISTIC 
MAX 
UNITS 
td(on) 
Turn On Delay Time 
45  
ns 
tr 
Turn On Rise Time 
65 
td(off) 
Turn Off Delay Time 
60 
tf 
Turn Off Fall Time 
100 
 
 
  
                                  SWITCHING TEST CIRCUIT 
The LS4352 is an enhancement mode N-Channel Mosfet
LS4352
N-CHANNEL MOSFET
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-72 (Bottom View)
Available Packages:
LS4352 in TO-72
LS4352 in bare die.
Please contact Micross for full
package and die dimensions
* Body tied to case
Note 1 ‐ Absolute maximum ratings are limiting values above which LS4352 serviceability may be impaired. 
Note 2 ‐ Device must not be tested at ±125V more than once or longer than 300ms.
LS4352 Features:
Low ON Resistance
Low Capacitance
High Gain
High Gate Breakdown Voltage
Low Threshold Voltage
The LS4352 is an enhancement mode N-Channel
Mosfet designed for use as a General Purpose amplifier
or switch
The hermetically sealed TO-72 package is well suited
for high reliability and harsh environment applications.
(See Packaging Information).


Similar Part No. - LS4352

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LS4350 POWEREX-LS4350 Datasheet
98Kb / 4P
POW-R-BLOK Single SCR Isolated Module (500 Amperes / Up to 1600 Volts)
logo
Micross Components
LS4351 MICROSS-LS4351 Datasheet
315Kb / 1P
N-Channel Mosfet
LS4351_TO-72 MICROSS-LS4351_TO-72 Datasheet
315Kb / 1P
N-Channel Mosfet
More results

Similar Description - LS4352

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com