Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

085 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 085 Datasheet HTML 4Page - Infineon Technologies AG 085 Datasheet HTML 5Page - Infineon Technologies AG 085 Datasheet HTML 6Page - Infineon Technologies AG 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG 085 Datasheet HTML 10Page - Infineon Technologies AG 085 Datasheet HTML 11Page - Infineon Technologies AG 085 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet BTS50085-1TMA
Infineon Technologies AG
Page 8
2008-Jan-24
Input circuit (ESD protection)
IN
ZD
IN
I
V bb
Rbb
V
Z,IN
V bIN
V IN
When the device is switched off (IIN = 0) the voltage
between IN and GND reaches almost Vbb. Use a
bipolar or MOS transistor with appropriate breakdown
voltage as driver.
VZ,IN = 74 V (typ).
Short circuit detection
Fault Condition: VON > VON(SC) (6 V typ.) and t> td(SC)
(80 ...300 µs).
Short circuit
detection
Logic
unit
+ Vbb
OUT
V
ON
Current sense status output
IS
IS
R
IS
I
ZD
IS
V
bb
V
bb
R
Z,IS
V
VZ,IS = 74 V (typ.), RIS = 1 kΩ nominal (or 1 kΩ /n, if n
devices are connected in parallel). IS = IL/kilis can be
driven only by the internal circuit as long as Vout - VIS >
5 V. If you want measure load currents up to IL(M), RIS
should be less than
Vbb - 5 V
IL(M) / Kilis
.
Note: For large values of RIS the voltage VIS can reach
almost Vbb. See also over voltage protection.
If you don't use the current sense output in your
application, you can leave it open.
Inductive and over voltage output clamp
+ Vbb
OUT
PROFET
V
Z1
V
ON
IS
V
OUT
VON is clamped to VON(Cl) = 62 V typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com