Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC202 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC202
Description  Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC202 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC202 Datasheet HTML 1Page - Sanyo Semicon Device SVC202 Datasheet HTML 2Page - Sanyo Semicon Device SVC202 Datasheet HTML 3Page - Sanyo Semicon Device SVC202 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
33098HA (KT)/2279TA, TS No.698-1/4
SVC202, 202SPA
Ordering number :EN698C
Varactor Diode (IOCAP)
for FM Receiver Electronic Tuning
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Duffused Junction Type Sillicon Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
–
=6
1
–V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
9
–
=
0
5
–A
n
*
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
C
V
6
.
1
VR
z
H
M
1
=
f
,
V
6
.
1
–
=9
1
.
8
25
4
.
7
3F
p
C
V
5
.
3
VR
z
H
M
1
=
f
,
V
5
.
3
–
=4
0
.
9
13
3
.
4
2F
p
C
V
0
.
5
VR
z
H
M
1
=
f
,
V
0
.
5
–
=8
4
.
4
19
4
.
8
1F
p
C
V
5
.
7
VR
z
H
M
1
=
f
,
V
5
.
7
–
=7
1
.
0
19
9
.
2
1F
p
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CC
V
6
.
1
C
/
V
5
.
7
z
H
M
1
=
f
,2
.
27
.
3
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Srs
V
,
z
H
M
0
5
=
f
R
V
1
–
=6
.
0
Ω
e
c
n
a
r
e
l
o
T
g
n
i
h
c
t
a
M
∆Cm
C
(
x
a
m
C
–
n
i
m
C
/
)
n
i
m
5
0
.
0
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
v
i
t
i
t
e
p
e
RVR
6
1
–V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
0
1
+
o
t
5
5
–
Package Dimensions
unit:mm
1074A
[SVC202]
A:Anode
C:Cathode
Features
· Twin type FM electronic tuning-use varactor diode
which excels in large input characteristics.
unit:mm
1129
[SVC202SPA]
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
˚C
˚C
A:Anode
C:Cathode
SANYO:SPA
JEDEC:TO-92
EIAJ:SC-43
SANYO:NP
Note)*:Capacitance value of one diode
Electical Connection
A:Anode
C:Cathode


Similar Part No. - SVC202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC201D-05A ETC1-SVC201D-05A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC201D-05A SAMWHA-SVC201D-05A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC201D-05B ETC1-SVC201D-05B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
SVC201D-07A ETC1-SVC201D-07A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC201D-07A SAMWHA-SVC201D-07A Datasheet
2Mb / 10P
SVC Varistors Type
More results

Similar Description - SVC202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC201SPA SANYO-SVC201SPA Datasheet
76Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC203SPA SANYO-SVC203SPA Datasheet
125Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC208 SANYO-SVC208 Datasheet
116Kb / 4P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC211SPA SANYO-SVC211SPA Datasheet
95Kb / 3P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC212 SANYO-SVC212 Datasheet
48Kb / 3P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC245 SANYO-SVC245 Datasheet
29Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC321SPA SANYO-SVC321SPA Datasheet
87Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
SVC333 SANYO-SVC333 Datasheet
105Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC347 SANYO-SVC347 Datasheet
19Kb / 3P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com