Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS300 Datasheet(PDF) 23 Page - Microchip Technology

Part # HCS300
Description  Microchip Technology Inc. is a code hopping encoder designed
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 23 Page - Microchip Technology

Back Button HCS300_11 Datasheet HTML 19Page - Microchip Technology HCS300_11 Datasheet HTML 20Page - Microchip Technology HCS300_11 Datasheet HTML 21Page - Microchip Technology HCS300_11 Datasheet HTML 22Page - Microchip Technology HCS300_11 Datasheet HTML 23Page - Microchip Technology HCS300_11 Datasheet HTML 24Page - Microchip Technology HCS300_11 Datasheet HTML 25Page - Microchip Technology HCS300_11 Datasheet HTML 26Page - Microchip Technology HCS300_11 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
© 2011 Microchip Technology Inc.
DS21137G-page 23
HCS300
FIGURE 9-3:
CODE WORD FORMAT: PREAMBLE/HEADER PORTION
FIGURE 9-4:
CODE WORD FORMAT: DATA PORTION
TABLE 9-4:
CODE WORD TRANSMISSION TIMING REQUIREMENTS
VDD = +2.0 to 6.0V
Commercial(C):Tamb = 0 °C to +70 °C
Industrial(I):Tamb = -40 °C to +85 °C
Code Words Transmitted
All
1 out of 2
1 out of 4
Symbol
Characteristic
Number
of TE
Min.
Typ. Max. Min.
Typ. Max. Min.
Typ. Max. Units
TE
Basic pulse element
1
260
400
660
130
200
330
65
100
165
μs
TBP
PWM bit pulse width
3
780
1200 1980
390
600
990
195
300
495
μs
TP
Preamble duration
23
6.0
9.2
15.2
3.0
4.6
7.6
1.5
2.3
3.8
ms
TH
Header duration
10
2.6
4.0
6.6
1.3
2.0
3.3
0.7
1.0
1.7
ms
THOP
Hopping code duration
96
25.0
38.4
63.4
12.5
19.2
31.7
6.2
9.6
15.8
ms
TFIX
Fixed code duration
102
26.540.867.313.320.433.7
6.6
10.2
16.8
ms
TG
Guard Time
39
10.1
15.6
25.7
5.1
7.8
12.9
2.5
3.9
6.4
ms
—
Total Transmit Time
270
70.2 108.0 178.2 35.1
54.0
89.1
17.6
27.0
44.6
ms
—
PWM data rate
—
1282
833
505
2564 1667 1010 5128 3333 2020
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
50% Duty Cycle Preamble
Header
P1
P12
23 TE
10 TE
Data Bits
Bit 0 Bit 1
Bit 0 Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Fixed Portion
Encrypted Portion
Guard
LSB
LSB
MSB
MSB S3
S0
S1
S2
VLOW RPT
Time
Serial Number
Button Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com