Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND017SW Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # TND017SW
Description  Lowside Power Switch Lamp, Solenoid, and Motor-Driving Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017SW Datasheet(HTML) 4 Page - Sanyo Semicon Device

  TND017SW Datasheet HTML 1Page - Sanyo Semicon Device TND017SW Datasheet HTML 2Page - Sanyo Semicon Device TND017SW Datasheet HTML 3Page - Sanyo Semicon Device TND017SW Datasheet HTML 4Page - Sanyo Semicon Device TND017SW Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TND017MP, 017SW
No.6481–4/5
Sample Application Circuit
Another Sample Application Circuit
(solenoid drive)
--40
--20
0
20
40
60
80
100
0
0.5
1.0
1.5
1.7
2.0
2.5
Tj(sd) -- VIN
80
100
120
140
160
180
200
4.0
4.5
5.0
5.5
6.0
PD -- Ta
0
0.2
0.4
0.6
0.8
1.0
1.2
IT02024
--40
--20
0
20
40
60
80
100
PD -- Ta
IT02026
PD(Circuit 2) -- PD(Circuit 1)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT02025
IT02023
1unit
TND017MP
TND017SW
TND017SW
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
Input Voltage, VIN –V
Mounted on a ceramic board (1200mm2
×0.8mm)
Mounted
on
a ceramic
board
(1200mm
2×
0.8mm)
Total
Dissipation
Allowable Power Dissipation, PD(circuit 1) – W
AC100V
AC24V
OUT
IN
TND017MP / SW
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND017SW
Micro-
controller
Micro-
controller
Micro-
controller
Lamp
Lamp
Lamp
AC100V
AC24V
OUT
IN
TND017MP / SW
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND017SW
Micro-
controller
Micro-
controller
Micro-
controller
Solenoid
Solenoid



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com