Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC54 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC54
Description  CMOS voltage detectors that are especially well suited for battery-powered
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54 Datasheet(HTML) 3 Page - Microchip Technology

  TC54_11 Datasheet HTML 1Page - Microchip Technology TC54_11 Datasheet HTML 2Page - Microchip Technology TC54_11 Datasheet HTML 3Page - Microchip Technology TC54_11 Datasheet HTML 4Page - Microchip Technology TC54_11 Datasheet HTML 5Page - Microchip Technology TC54_11 Datasheet HTML 6Page - Microchip Technology TC54_11 Datasheet HTML 7Page - Microchip Technology TC54_11 Datasheet HTML 8Page - Microchip Technology TC54_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2001-2011 Microchip Technology Inc.
DS21434J-page 3
TC54
FIGURE 1-1:
Timing Diagram.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD =+1.8V to +5.5V, VSS=GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+85
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 3L-SOT-23A
JA
—308
—
°C/W
Thermal Resistance, 3L-SOT-89
JA
—
131.7
—
°C/W
Thermal Resistance, 3L-TO-92
JA
—146
—
°C/W
VDD
OUTPUT
VOH
tDLY
VDET –+VHYST
OUTPUT
VDET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com