Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP654 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP654
Description  50 MHz, 6 mA Op Amps with mCal
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP654 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP654 Datasheet HTML 48Page - Microchip Technology MCP654 Datasheet HTML 49Page - Microchip Technology MCP654 Datasheet HTML 50Page - Microchip Technology MCP654 Datasheet HTML 51Page - Microchip Technology MCP654 Datasheet HTML 52Page - Microchip Technology MCP654 Datasheet HTML 53Page - Microchip Technology MCP654 Datasheet HTML 54Page - Microchip Technology MCP654 Datasheet HTML 55Page - Microchip Technology MCP654 Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
© 2011 Microchip Technology Inc.
DS22146B-page 53
MCP651/2/4/5/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP651:
Single Op Amp
MCP651T:
Single Op Amp (Tape and Reel)
(DFN and SOIC)
MCP652:
Dual Op Amp
MCP652T:
Dual Op Amp (Tape and Reel)
(DFN and SOIC)
MCP654:
Dual Op Amp
MCP654T:
Dual Op Amp (Tape and Reel)
(TSSOP and SOIC)
MCP655:
Dual Op Amp
MCP655T:
Dual Op Amp (Tape and Reel)
(DFN and MSOP)
MCP659:
Quad Op Amp
MCP659T:
Quad Op Amp (Tape and Reel)
(QFN)
Temperature Range:
E
= -40°C to +125°C
Package:
MF
=Plastic Dual Flat, No Lead (3x3 DFN),
8-lead, 10-lead
SN
=Plastic Small Outline, (3.90 mm), 8-lead
UN
=Plastic Micro Small Outline, (MSOP), 10-lead
ST
=Plastic Thin Shrink Small Outline, (4.4 mm), 14-
lead
SL
=Plastic Small Outline, Narrow, (3.90 mm), 14-
lead
ML
=Plastic Quad Flat, No Lead Package,
(4x4x0.9 mm), 16-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP651T-E/SN:
Tape and Reel,
Extended Temperature,
8LD SOIC package.
b) MCP652T-E/MF:
Tape and Reel,
Extended Temperature,
8LD DFN package.
c) MCP652T-E/SN:
Tape and Reel,
Extended Temperature,
8LD SOIC package.
d) MCP654T-E/SL:
Tape and Reel,
Extended Temperature,
14LD SOIC package.
e) MCP654T-E/ST:
Tape and Reel,
Extended Temperature,
14LD TSSOP package.
f) MCP655T-E/MF:
Tape and Reel,
Extended Temperature,
10LD DFN package.
g) MCP655T-E/UN:
Tape and Reel,
Extended Temperature,
10LD MSOP package.
h) MCP659T-E/ML:
Tape and Reel,
Extended Temperature,
16LD QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com