Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP655 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP655
Description  50 MHz, 6 mA Op Amps with mCal
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP655 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP655 Datasheet HTML 16Page - Microchip Technology MCP655 Datasheet HTML 17Page - Microchip Technology MCP655 Datasheet HTML 18Page - Microchip Technology MCP655 Datasheet HTML 19Page - Microchip Technology MCP655 Datasheet HTML 20Page - Microchip Technology MCP655 Datasheet HTML 21Page - Microchip Technology MCP655 Datasheet HTML 22Page - Microchip Technology MCP655 Datasheet HTML 23Page - Microchip Technology MCP655 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MCP651/2/4/5/9
DS22146B-page 20
© 2011 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The analog output pins (VOUT) are low-impedance
voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs (VIN+, VIN–, …)
are high-impedance CMOS inputs with low bias
currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 2.5V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
3.4
Calibration Common Mode
Voltage Input
A low impedance voltage placed at this input (VCAL)
analog input will set the op amps’ common mode input
voltage during calibration. If this pin is left open, the
common mode input voltage during calibration is
approximately VDD/3. The internal resistor divider is
disconnected from the supplies whenever the part is
not in calibration.
MCP651
MCP652
MCP654
MCP655
MCP659
Symbol
Description
SOIC
SOIC DFN SOIC TSSOP MSOP DFN
QFN
61
1
1
1
1
1
16
VOUT, VOUTA Output (op amp A)
22
2
2
2
2
2
1
VIN–, VINA–
Inverting Input (op amp A)
33
3
3
3
3
3
2
VIN+, VINA+
Non-inverting Input (op amp A)
44
4
11
11
4
4
11
VSS
Negative Power Supply
8
—
—
—
—
5
5
—
CAL/CS,
CALA/CSA
Calibrate/Chip Select Digital Input
(op amp A)
——
—
—
—
6
6
—
CALB/CSB
Calibrate/Chip Select Digital Input
(op amp B)
——
—
—
—
—
—
15
CALAD/CSAD Calibrate/Chip Select Digital Input
(op amps A and D)
——
—
—
—
—
—
7
CALBC/CSBC Calibrate/Chip Select Digital Input
(op amps B and C)
—5
5
5
5
7
7
4
VINB+
Non-inverting Input (op amp B)
—6
6
6
6
8
8
5
VINB–
Inverting Input (op amp B)
—7
7
7
7
9
9
6
VOUTB
Output (op amp B)
——
—
10
10
—
—
10
VINC+
Non-inverting input (op amp C)
——
—
9
9
—
—
9
VINC-
Inverting Input (op amp C)
——
—
8
8
—
—
8
VOUTC
Output (op amp C)
——
—
12
12
—
—
12
VIND+
Non-inverting Input (op amp D)
——
—
13
13
—
—
13
VIND-
Inverting Input (op amp D)
——
—
14
14
—
—
14
VOUTD
Output (op amp D)
78
8
4
4
10
10
3
VDD
Positive Power Supply
5—
—
—
—
—
—
—
VCAL
Calibration Common Mode Voltage
Input
1
—
—
—
—
—
—
—
NC
No Internal Connection
—
—
9
—
—
—
11
17
EP
Exposed Thermal Pad (EP);
must be connected to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com