Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND024MP Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TND024MP
Description  Lamp-, solenoid-, and motor-driving Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND024MP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TND024MP Datasheet HTML 1Page - Sanyo Semicon Device TND024MP Datasheet HTML 2Page - Sanyo Semicon Device TND024MP Datasheet HTML 3Page - Sanyo Semicon Device TND024MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TND024F, 024MP
No.6035–3/4
Tj(sd) - VIN
PD - Ta
-20
0
20
40
60
80
100
120
140
160
-40
0
1234
67
511
810
9
150
160
170
180
190
200
140
0.2
0.4
0.6
0.8
1.0
1.2
0
PD - Ta
0
0.5
1.0
1.5
2.0
-20
0
20
40
60
80
100
120
140
160
-40
TND024F
TND024MP
VDS,clamp - Ta
VIN(th) - Ta
VDS=5V
IO=1mA
-25
0
25
50
75
100
125
150
-50
-50
-25
0
25
50
75
150
125
100
VIN=0
IO=1mA
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
Input Voltage, VIN –V
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
Is - Ta
I s - VIN
5V
4V
VIN=6V
Ta=25
°C
-25
0
25
50
75
100
125
150
-50
1
23456789
10
11
0
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8
3
5
4
6
7
Ambient Temperature, Ta – ˚C
Input Voltage, VIN –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com