Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP79400 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP79400
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79400 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP79400 Datasheet HTML 14Page - Microchip Technology MCP79400 Datasheet HTML 15Page - Microchip Technology MCP79400 Datasheet HTML 16Page - Microchip Technology MCP79400 Datasheet HTML 17Page - Microchip Technology MCP79400 Datasheet HTML 18Page - Microchip Technology MCP79400 Datasheet HTML 19Page - Microchip Technology MCP79400 Datasheet HTML 20Page - Microchip Technology MCP79400 Datasheet HTML 21Page - Microchip Technology MCP79400 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MCP7940X
DS25009A-page 18
 2011 Microchip Technology Inc.
FIGURE 5-3:
ID BYTE WRITE
5.2.2
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
control byte is set to one. There are three basic types
of read operations: current address read, random read,
and sequential read. The SRAM array can be read in
the same way as the ID using the control byte for the
SRAM ‘1101111’ with a valid address.
5.2.2.1
Current Address Read
The MCP7940X contains an address counter that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous read access was to address n (n is any legal
address), the next current address read operation
would access data from address n + 1.
Upon receipt of the control byte with R/W bit set to one,
the MCP7940X issues an Acknowledge and transmits
the 8-bit data word. The master will not acknowledge
the transfer but does generate a Stop condition and the
MCP7940X discontinues transmission (Figure 5-5).
FIGURE 5-4:
CURRENT ADDRESS
READ (ID SHOWN)
5.2.2.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
MCP7940X as part of a write operation (R/W bit set to
‘0’). After the word address is sent, the master
generates a Start condition following the Acknowledge.
This terminates the write operation, but not before the
internal Address Pointer is set. Then, the master issues
the control byte again but with the R/W bit set to a one.
The MCP7940X will then issue an Acknowledge and
transmit the 8-bit data word. The master will not
acknowledge the transfer but it does generate a Stop
condition which causes the MCP7940X to discontinue
transmission
(Figure 5-6).
After
a
random
read
command, the internal address counter will point to the
address location following the one that was just read.
5.2.2.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the MCP7940X transmits
the first data byte, the master issues an Acknowledge
as opposed to the Stop condition used in a random
read. This Acknowledge directs the MCP7940X to
transmit the next sequentially addressed 8-bit word
(Figure 5-7). Following the final byte transmitted to the
master, the master will NOT generate an Acknowledge
but will generate a Stop condition. To provide
sequential reads, the MCP7940X contains an internal
Address Pointer which is incremented by one at the
completion of each operation. This Address Pointer
allows the entire memory contents to be serially read
during one operation. The internal Address Pointer will
automatically roll over to the start of the Block.
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA
S
T
O
P
A
C
K
A
C
K
A
C
K
S 1 010
0
1 11
P
1 11 1 0 •• •
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
N
O
A
C
K
11
00
1
BYTE
11 1
1 1 11 0
• ••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com