Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND301 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND301
Description  General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND301 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND301 Datasheet HTML 1Page - Sanyo Semicon Device TND301 Datasheet HTML 2Page - Sanyo Semicon Device TND301 Datasheet HTML 3Page - Sanyo Semicon Device TND301 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TND301S
No.7083-2/4
Electrical Characteristics (DC Characteristics) at Ta=25
°C, VDD=4.5 to 25V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Logic “1” Input Voltage
VIH
2.6
V
Logic “0” Input Voltage
VIL
0.8
V
Input Bias Current
IIN
VIN=0 or VDD
--1
1
µA
High Level Output Voltage
VOH
IO=0
VDD--0.1
V
Low Level Output Voltage
VOL
IO=0
0.1
V
VDD Supply Current
Isupp
VDD=10V, VIN=3V, (both inputs)
1.0
4.5
mA
VDD=10V, VIN=0, (both inputs)
0.2
mA
Output High Short Circuit Pulsed Current
IO+VDD=18V, PW≤10µs, VOUT=0
2.0
A
Output Low Short Circuit Pulsed Current
IO--
VDD=18V, PW≤10µs, VOUT=18V
2.0
A
Output On Resistance
ROUT
VDD=18V, Iload=10mA, VOUT=“H”
4
6
Ω
VDD=18V, Iload=10mA, VOUT=“L”
3
5
Ω
Block Diagram
Switching Time Measuring Circuit
VDD
IN
OUT
GND
90%
INPUT
INPUT RISE
AND FALL
TIMES=5ns
INVERTING
OUTPUT
90%
90%
10%
10%
10%
+5V
+0.4V
+18V
0V
0.1
µF
OUTPUT A
1000pF
1000pF
OUTPUT B
INPUT A
INPUT B
4.7
µF
tr
tf
tD1
tD2
VDD=18V
TND301S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com